Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MB4 Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 9Page - IC-Haus GmbH IC-MB4 Datasheet HTML 10Page - IC-Haus GmbH IC-MB4 Datasheet HTML 11Page - IC-Haus GmbH IC-MB4 Datasheet HTML 12Page - IC-Haus GmbH IC-MB4 Datasheet HTML 13Page - IC-Haus GmbH IC-MB4 Datasheet HTML 14Page - IC-Haus GmbH IC-MB4 Datasheet HTML 15Page - IC-Haus GmbH IC-MB4 Datasheet HTML 16Page - IC-Haus GmbH IC-MB4 Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 13/40
OPERATING REQUIREMENTS: µC Interface, SPI mode
Operating conditions: CFGSPI = 1 VDD = 3.0 . . . 5.5 V, Tj = -40 . . . 125 °C;
lo input level = 0 . . . 0.8 V, hi input level = 2.0 V . . . VDD, lo output level = 0 . . . 0.4 V, hi output level = 2.4 V . . . VDD
Alias: NCS = NCS/DB4, SCLK = ALE/DB5, MOSI = DB0/DB6, MISO = DB1/DB7
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
I201 tsCS
Setup Time:
NCS lo before SCLK lo→hi
10
ns
I202 thCS
Hold Time:
NCS lo after SCLK hi→lo
10
ns
I203 tSl
Signal Duration:
SCLK lo
10
ns
I204 tSh
Signal Duration:
SCLK hi
10
ns
during command ’ReadData’ between address
and data
100
ns
I205 tsDS
Setup Time:
MOSI stable before SCLK lo→hi
7.5
ns
I206 thDS
Hold Time:
MOSI stable after SCLK lo→hi
7.5
ns
I207 tpSD
Propagation Delay:
MISO stable after SCLK hi→lo
CL = 50 pF
25
ns
I208 tpCD
Propagation Delay:
MISO high impedance after NCS lo→hi
CL = 50 pF
25
ns
I209 tCh
Signal Duration:
NCS hi
10
ns
Figure 7: Read/write access (SPI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com