Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MB4 Datasheet(PDF) 39 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 39 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 32Page - IC-Haus GmbH IC-MB4 Datasheet HTML 33Page - IC-Haus GmbH IC-MB4 Datasheet HTML 34Page - IC-Haus GmbH IC-MB4 Datasheet HTML 35Page - IC-Haus GmbH IC-MB4 Datasheet HTML 36Page - IC-Haus GmbH IC-MB4 Datasheet HTML 37Page - IC-Haus GmbH IC-MB4 Datasheet HTML 38Page - IC-Haus GmbH IC-MB4 Datasheet HTML 39Page - IC-Haus GmbH IC-MB4 Datasheet HTML 40Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 39/40
REVISION HISTORY
Rel.
Rel. Date
Chapter
Modification
Page
A1
14-06-24
Initial Release.
Rel.
Rel. Date
Chapter
Modification
Page
B1
14-11-20
PACKAGING INFORMATION
Function text on pin 25 NWR_E swapped with Function text on pin 26 NRD_RNW:
• NWR_E: Read Input, active low (Intel) Read/Not-Write Select Input (Motorola).
• NRD_RNW: Write Input, active low (Intel) Enable Input, active high (Motorola).
4
ELECTRICAL
CHARACTERISTICS
Vc()hi Clamp Voltage hi MAX updated from 1.65 V to 1.75 V
8
ELECTRICAL
CHARACTERISTICS
f(CLKI) Oscillator Clock Frequency VDD = 3.0 V ... 3.6 V MAX updated from 20 MHz to
22 MHz
9
FUNCTIONAL DESCRIPTION
INIT = 1 updated.
21
INSTRUCTION REGISTER
”All configuration parametera must be stable during data transmission” added.
28
CONFIGURATION MASTER
AUTOMATIC REQUEST FOR SENSOR DATA moved into chapter CONFIGURATION
MASTER
29
CONFIGURATION CHANNEL
CFGIF footnote added: RS422 interfaces are only operatable with VDD = 4.5 V ... 5.5 V
31
CONFIGURATION SLAVE
Slave Configuration CRC Verification:
• CRC for single cycle data not present, CRC verification deactivated, SELCRCSx = 0b0.
• CRC polynomial(7:1) in SCRCPOLYx SELCRCSx = 0b1 not applicable with CRC poly-
nomial SCRCPOLYx(7:1) = 0x00.
• CRC polynomial 0x00 not applicable with SELCRCSx = 0b1.
• Other CRC lengths in SCRCLENx are not permitted with SELCRCSx = 0b0.
32
STATUS INFORMATION 1
Bit address of nDELAYERR 0xF0 updated to 5
35
APPLICATION DESIGN
TRANSFER FROM iC-MB3
TSSOP24 TO iC-MB4 TSSOP24
Disabeling SCD CRC verification To deactivate the SCD CRC verification select:
• SELCRCSx = 0b0
• CRC bit length in SCRCLENx = 0 .
• Extend the SCDLEN by the length of the present CRC that is subject to be ignored.
A CRC polynomial SCRCPOLYx = 0x00 is not applicable with SELCRCSx = 0b1.
38
DESIGN REVIEW
Chapter DESIGN REVIEW added.
39
FUNCTIONAL DESCRIPTION
Measuring the Line Delay on channel 1 and channe l, measuring unit added
21
Rel.
Rel. Date
Chapter
Modification
Page
B2
2015-07-07 DESCRIPTION
BiSS BUA added
2
FUNCTIONAL DESCRIPTION
Maximum line delay while INIT = 255, overflow abort and AGERR is set
21
INSTRUCTION REGISTER
All configuration parameter must be stable during SCD data transmission
28
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.com/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus products are not designed for and must not be used in connection with any applications where the failure of such products would reasonably be expected
to result in significant personal injury or death (Safety-Critical Applications) without iC-Haus’ specific written consent. Safety-Critical Applications include, without
limitation, life support devices and systems. iC-Haus products are not designed nor intended for use in military or aerospace applications or environments or in
automotive applications unless specifically designated for such use by iC-Haus.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com