Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP847LED03 Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TP847LED03
Description  WBFBP-03E Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TP847LED03 Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TP847LED03 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1000
500
2000
1500
2500
3000
H
W1
W2
D
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
10000 pcs
7 inch
150,000 pcs
203×203×195
600,000 pcs
438×438×220
WBFBP-03E(1.0×0.6×0.5) Embossed Carrier Tape
WBFBP-03E(1.0×0.6×0.5) Tape Leader and Trailer
WBFBP-03E(1.0×0.6×0.5) Reel
Pkg type
WBFBP-03E (1.0×0.6×0.5)
Dimensions are in millimeter
a
B
C
d
E
F
P0
P
P1
W
0.66
1.15
0.66
Ø1.50
1.75
3.50
4.00
2.00
2.00
8.00
Packaging Description:
WBFBP-03E(1.0×0.6×0.5) parts are shipped in
tape. The carrier tape is made from a dissipative
(carbon filled) polycarbonate resin. The cover tape is
a multilayer film (Heat Activated Adhesive in nature)
primarily composed of polyester film, adhesive layer,
sealant, and anti-static sprayed agent. These reeled
parts in standard option are shipped with 10,000
units per 7" or 17.8cm diameter reel. The reels are
clear in color and is made of polystyrene plastic
(anti-static coated).
Reel Option
7''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø178.00
54.40
13.00
R78.00
R25.60
R6.50
9.50
12.30
A-A
P0
P1
C
A
P
d
A
Trailer Tape
Leader Tape
100±4 Empty Pockets
200±4 Empty Pockets
Components
a
Tape and Reel
www.cj-elec.com
4
www.cj-elec.com
WBFBP-03E(1.0×0.6×0.5)
A,Jun,2014
B,Nov,2016



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com