Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP847LED03 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TP847LED03
Description  WBFBP-03E Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TP847LED03 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TP847LED03 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-03E Plastic-Encapsulate Transistors
TP847LED03
TRANSISTOR (NPN)
FEATURE
 Low Current
 Low Voltage
 Ultra Small SMD Plastic Package
 Complementary to TP857LED03
 For General-purpose Switching and Amplification
MARKING: D5
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
100
mW
RΘJA
Thermal Resistance from Junction to Ambient
1250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test condition
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10µA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=30V, IE=0
15
nA
Emitter cut-off current
IEBO
VEB=5V, IC=0
15
nA
DC current gain
hFE*VCE=5V, IC=2mA
220
475
Collector-emitter saturation voltage
VCE(sat)1*IC=10mA, IB=0.5mA
0.2
V
VCE(sat)2*IC=100mA, IB=5mA
0.4
V
Base-emitter saturation voltage
VBE(sat)1*IC=10mA, IB=0.5mA
0.7
V
VBE(sat)2*IC=100mA, IB=5mA
0.9
V
Base-emitter voltage
VBE1*
VCE=5V, IC=2mA
0.7
V
VBE2*VCE=5V, IC=10mA
0.77
V
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
2.5
pF
Noise figure
NF
VCE=5V, IE=0.2mA, f=1kHz,
RS=1kΩ,B=200Hz
10
dB
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
WBFBP-03E
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
B,Nov,2016
D5


Similar Part No. - TP847LED03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
TP8472AM ETC-TP8472AM Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
TP8472AP ETC-TP8472AP Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
TP8472BM ETC-TP8472BM Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
TP8472BP ETC-TP8472BP Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
More results

Similar Description - TP847LED03

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
DS520-30WB WILLAS-DS520-30WB Datasheet
319Kb / 2P
WBFBP-02C Plastic-Encapsulate Diodes
DS521-30WB WILLAS-DS521-30WB Datasheet
369Kb / 2P
WBFBP-02C Plastic-Encapsulate Diodes
TK3904LLD03 WILLAS-TK3904LLD03 Datasheet
322Kb / 2P
WBFBP-03D Plastic-Encapsulate Transistors
TK3904NND03 WILLAS-TK3904NND03 Datasheet
321Kb / 2P
WBFBP-03B Plastic-Encapsulate Transistors
TK3906LLD03 WILLAS-TK3906LLD03 Datasheet
323Kb / 2P
WBFBP-03D Plastic-Encapsulate Transistors
TK3906NND03 WILLAS-TK3906NND03 Datasheet
333Kb / 2P
WBFBP-03B Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
TK3904LED03 JIANGSU-TK3904LED03 Datasheet
2Mb / 5P
WBFBP-03E Plastic-Encapsulate Transistors
TK3906LED03 JIANGSU-TK3906LED03 Datasheet
1Mb / 5P
WBFBP-03E Plastic-Encapsulate Transistors
TP856LED03 JIANGSU-TP856LED03 Datasheet
1,019Kb / 4P
WBFBP-03E Plastic-Encapsulate Transistors
TP857LED03 JIANGSU-TP857LED03 Datasheet
1,016Kb / 4P
WBFBP-03E Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com