Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP847LED03 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TP847LED03
Description  WBFBP-03E Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TP847LED03 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TP847LED03 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP847LED03 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
0.1
1
10
100
0
25
50
75
100
125
150
0
50
100
150
200
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
024
68
0
2
4
6
8
0.1
1
10
100
0.1
1
0.1
1
10
100
10
100
1000
0.1
1
10
100
0.01
0.1
1
0.1
1
10
100
1
10
100
1000
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V
R
(V)
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
COMMON EMITTER
V
CE= 5V
V
BE
I
C
——
T
a=100
℃
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
20uA
COMMON
EMITTER
T
a=25
℃
18uA
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I
B=2uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
20
f
T
——
h
FE
——
β=20
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
2
COMMON EMITTER
V
CE= 5V
I
C
I
C
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
β=20
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
Typical Characteristics
www.cj-elec.com
2
www.cj-elec.com
A,Jun,2014
B,Nov,2016



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com