Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

145 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 145
Description  PRODUCT/PROCESS CHANGE NOTIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

145 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 145 Datasheet HTML 3Page - STMicroelectronics 145 Datasheet HTML 4Page - STMicroelectronics 145 Datasheet HTML 5Page - STMicroelectronics 145 Datasheet HTML 6Page - STMicroelectronics 145 Datasheet HTML 7Page - STMicroelectronics 145 Datasheet HTML 8Page - STMicroelectronics 145 Datasheet HTML 9Page - STMicroelectronics 145 Datasheet HTML 10Page - STMicroelectronics 145 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Prepared by JM Bugnard
Page 5/9
Process Change/ Transfer
Qualification report n° QASO8N91
2.6 RELIABILITY QUALIFICATION REQUIREMENTS
[x] yes
[] no
2.6.1 Reliability tests performed on
[x] LotA [x] LotB
[x] LotC
2.6.2 Reliability tests:
Tests
Conditions
Test
LotA LotB LotC
Comments
HTB
Ta=125°C
Vs=absolute max
rating
1000h
X
X
X
Purpose: to point out problems connected
to electrical stress related with the field
application condition
Environment
Sequence
PPT 3 atm. +
TMC
48h
100 cy.
X
X
X
THB
Ta=85C RH=85pct
Vs=nominal
1000h
X
X
X
Purpose: To point out failure mechanism
mainly due to electrochemical effects
developped inside the device for
contamination ions and electrical field
applied
TMC
Ta= -65/+150C
1000c
X
X
X
Purpose: to point out the
thermomechanical mismatch among the
different materials employed
PPT
Ta=121°C P=2atm
480h
X
X
X
Purpose: to point out critical water entry
path with consequential electrolytic and
galvanic corrosion.
Jedel level
determination
Jedel level 1
168h 85°C /
85%RH + 3IR
reflow soldering
X*
X**
X**
Purpose: To point out problem connected
to the reflow soldering.
TMSK
Ta= -65/+150C
500shk
X
X
Purpose: to point out the
thermomechanical mismatch among the
different materials employed
* With 260°C reflow peak (see Appendix 1)
** With 245°C reflow peak (see Appendix 1)
2.6.3 Drift analysis on Vio parameter (HTB & THB)
[x yes
[ ] no
2.6.4 Qu alification criteria:
no reject after reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com