Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

145 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 145
Description  PRODUCT/PROCESS CHANGE NOTIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

145 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 145 Datasheet HTML 4Page - STMicroelectronics 145 Datasheet HTML 5Page - STMicroelectronics 145 Datasheet HTML 6Page - STMicroelectronics 145 Datasheet HTML 7Page - STMicroelectronics 145 Datasheet HTML 8Page - STMicroelectronics 145 Datasheet HTML 9Page - STMicroelectronics 145 Datasheet HTML 10Page - STMicroelectronics 145 Datasheet HTML 11Page - STMicroelectronics 145 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Prepared by JM Bugnard
Page 7/9
Process Change/ Transfer
Qualification report n° QASO8N91
3.2.6 External dimension measurement
Conform
3.2.7 Solderability
Conform (both after 24h steam aging and 24 hours dry air) on 80 units
3.3 FINAL TEST QUALIFICATION
TL431CD
LM358D
Test Yield
99.75%
99.91
3.4 Reliability qualification results
Test
Conditions
Duration
Steps
Lot 1
TL431CD
Lot 2
LM358D
Lot 3
TL082CD
TMC
-65/+150°C
1000 cy
100cy
1000cy
0/78
0/78
0/78
0/78
0/78
0/78
TMSK
-65/+150°C
500 shks
100 shks
500shks
0/78
0/78
0/78
0/78
0/78
0/78
PPT
121°C, 2atm.
480 hours
168h
240h
480h
0/78
0/78
0/78
0/78
0/78
0/78
0/78
0/78
Envir. Sequ.
TMC + PPT
100cy + 48h
100cy
48h
0/78
0/78
0/78
0/78
0/78
0/78
HTB
125°C
1000 h
168
1000h
0/78
0/78
0/78
0/78
0/60
0/60
THB
85°C, 85%HR
1000 h
168
1000h
0/78
0/78
0/78
0/78
0/60
0/60
RSM 245°C
0/20 + 0/15
0/15
0/20
RSM 260°C
0/20
0/20
Test marked in blue performed in ST Muar
3.4.1 Drift analysis
168h
1000
HTB (mean Vref drift) TL431CD
2.57mV
1.88mV
THB (mean Vref drift) TL431CD
0.54mV
1.17mV
HTB (mean Vio drift) LM358D
0.047mV
0.108
THB (mean Vio drift) LM358D
-0.01mV
0.05
HTB (mean Vio drift) TL082CD
0.32mV
0.29mV
THB (mean Vio drift) TL082CD
0.20mV
0.15mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com