Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

145 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 145
Description  PRODUCT/PROCESS CHANGE NOTIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

145 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 145 Datasheet HTML 4Page - STMicroelectronics 145 Datasheet HTML 5Page - STMicroelectronics 145 Datasheet HTML 6Page - STMicroelectronics 145 Datasheet HTML 7Page - STMicroelectronics 145 Datasheet HTML 8Page - STMicroelectronics 145 Datasheet HTML 9Page - STMicroelectronics 145 Datasheet HTML 10Page - STMicroelectronics 145 Datasheet HTML 11Page - STMicroelectronics 145 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Prepared by JM Bugnard
Page 6/9
Process Change/ Transfer
Qualification report n° QASO8N91
3. QUALIFICATION RESULTS
3.1 Process qualification results.
Bond Pull Test
Device
Wire size
Min
Max
Average
Stdev
Cpk
comments
TL431CD
LM358CD
1.0mil
1.0 mil
8.3g
8.5g
14.4g
12.7g
10.9
10.5
1.34
1.26
1.72
1.71
Minimum specification: 4g
Bond shear test
Device
Wire size
Min
Max
Average
Stdev
Cpk
comments
TL431CD
LM358CD
1.0mil
1.0 mil
45.0g
43.2g
65.4g
60.8g
57.2
53.1
5.72
5.04
1.94
1.92
Minimum specification: 32g
3.2 Bench Test qualification results
3.2.1 X-ray analysis
Wire sweeping conform
No glue void
3.2.2 External visual
NiPdAu plating: No exposed copper
Surface finish: Uniform stains free & uniform print
Cracks: Not visible at x10
Resin holes: not visible at x10
Other: No other visual defect
3.2.3 Scanning acoustic microscopy
No delamination.
3.2.4 Microsection
Resin holes: no void
Glue thickness: conform (min: 11.3µm, max 11.8µm)
Glue voids: no void
Die tilt: conform (0.5µm)
Die scribing: conform
NiPdAu plating thickness: conform
Package alignment : conform
3.2.5 Decapped devices
Loop height: conform
Ball size variation: conform
Bond shape: conform:
Bond centering: conform
Weld shape: conform
Weld centering: conform
Die scribing: conform
Die chipping: conform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com