Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW220 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW220
Description  CATV MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW220 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW220 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASW220
CATV MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 75 )
Parameters
Units
Typical
Frequency
MHz
5
50
500
860
1200
2100
Noise Figure
dB
3.3
3.3
3.4
3.4
3.4
4.2
Gain
dB
16.9
17.0
16.8
16.7
16.0
15.7
S11
dB
-20
-20
-20
-16
-17
-12
S22
dB
-20
-20
-18
-18
-16
-10
Output P1dB
dBm
17.5
18.0
18.5
17.0
17.0
16.5
Output IP31)
dBm
36.0
36.5
37.0
32.0
31.5
29.5
Output IP21),2)
dBm
47
48
48
42
45
35
CSO3)
dBc
60
CTB3)
dBc
75
Current
mA
75
90
Device Voltage
V
+5
+5
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone separated by 1 MHz (up-link) or 6 MHz (down-link).
2) OIP2 is measured at F1+F2 Frequency.
3) 60 channels, +28 dBmV per channel (measured at output).
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
500
Gain
dB
16.8
S11
dB
-20
S22
dB
-18
Output IP3
dBm
37
Noise Figure
dB
3.4
Output P1dB
dBm
18.5
Current
mA
75
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)*
+25 dBm
Thermal Resistance
158
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
 16.8 dB Gain at 500 MHz
 18.5 dBm P1dB at 500 MHz
 37 dBm Output IP3 at 500 MHz
 3.4 dB NF at 500 MHz
 75
 Input & Output Match
 Bandwidth 5 ~ 1200 MHz
 Single Supply +5 V
The ASW220, a wideband linear amplifier MMIC,
has a high linearity and low noise over a wide range
of frequency 5 MHz to 3 GHz, being suitable for use
in the fiber receiver, distribution amplifiers and drop
amplifiers of CATV systems, and in the mobile wire-
less repeaters and BTS. The amplifier is available in
a SOT89 package and passes through the stringent
DC, RF, and reliability tests.
Product Specifications
Package Style: SOT89
ASW220
Features
Description
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
Application Circuit
 CATV & 50 ~ 1000 MHz
 CATV & 50 ~ 1200 MHz
 CATV & 5 ~ 200 MHz
 SMATV & 900 ~ 2100 MHz
 SMATV & 200 ~ 3000 MHz
 5000 ~ 6000 MHz


Similar Part No. - ASW220

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ASW2 MSYSTEM-ASW2 Datasheet
137Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Advanced Semiconductor ...
ASW204 ASB-ASW204 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
More results

Similar Description - ASW220

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
1 GHz CATV Line Amplifier MMIC
Rev 2.1
logo
Skyworks Solutions Inc.
ACA0862-B SKYWORKS-ACA0862-B Datasheet
816Kb / 14P
1 GHz CATV Line Amplifier MMIC
logo
Advanced Semiconductor ...
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL59D4 ASB-ASL59D4 Datasheet
875Kb / 15P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D2 ASB-AWB31D2 Datasheet
876Kb / 15P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
logo
Skyworks Solutions Inc.
ACA0862B SKYWORKS-ACA0862B Datasheet
1Mb / 14P
1 GHz CATV Line Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com