Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW220 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASW220
Description  CATV MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW220 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASW220 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASW220
CATV MMIC Amplifier
ASW220
L1 = 5.6 nH
Vs = 5 V
RF IN
C1 = 10 pF
RF OUT
C4 = 10 pF
C2 = 1 uF
C3 = 100 pF
.
1) OIP3 and are measured with two tones at an output power of +5 dBm/tone separat-
ed by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
S-parameters
5000 ~ 6000 MHz
+5 V
Frequency (MHz)
5000
6000
Noise Figure (dB)
4.10
4.86
Magnitude S21 (dB)
14.2
14.1
Magnitude S11 (dB)
-8.8
-7.6
Magnitude S22 (dB)
-5.2
-3.3
Output P1dB (dBm)
13.0
12.3
Output IP31) (dBm)
24.2
21.3
Device Voltage (V)
+5
Current (mA)
75
4500
5000
5500
6000
6500
Frequency (MHz)
0
5
10
15
20
25
4500
5000
5500
6000
6500
Frequency (MHz)
-20
-15
-10
-5
0
4500
5000
5500
6000
6500
Frequency (MHz)
-20
-15
-10
-5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com