Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW220 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASW220
Description  CATV MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW220 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASW220 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW220 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASW220
CATV MMIC Amplifier
.
1) OIP3 and OIP2 are measured with two tones at an output power of +5 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
0
800
1600
2400
3200
0
5
10
15
20
25
Frequency (MHz)
0
800
1600
2400
3200
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
800
1600
2400
3200
-40
-30
-20
-10
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
S-parameters
SMATV
200 ~ 3000 MHz
+5 V
Frequency (MHz)
200
1000
2000
2600
3000
Noise Figure (dB)
3.8
3.5
4.2
4.2
4.2
Magnitude S21 (dB)
16.5
15.5
14.5
14.0
13.0
Magnitude S11 (dB)
-16
-14
-13
-9
-8
Magnitude S22 (dB)
-18
-12
-9
-8
-8
Output P1dB (dBm)
18
18
16
17
16
Output IP31) (dBm)
39.5
33.5
29.5
30.5
28.0
Output IP21),2) (dBm)
50
44
37
45
34
Device Voltage (V)
+5
Current (mA)
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com