Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1437 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASX1437
Description  Ku Band Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1437 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASX1437 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1437
2. Summary on Product Performances
2.1 Typical Performance
Test conditions : T = +25
C, VDD = +7 V, CW, ZO = 50 
Parameters
Test Conditions
Min
Typ
Max
Units
Gate Bias Voltage
f = 13.5 - 14.5 GHz
-0.99
V
Output Power at Psat1)
f = 13.5 - 14.5 GHz
37
dBm
Small signal gain
f = 13.5 - 14.5 GHz
21
dB
Input Return Loss
f = 13.5 - 14.5 GHz
-9
dB
Output Return Loss
f = 13.5 - 14.5 GHz
-9
dB
Supply Current
VDD = +7 V
1300
mA
1) Psat: Saturated output power
2.2 Product Specification
Test conditions : T = +25
C, VDD= +7 V, CW, VGG = -0.99 V typical, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
13.5
14.5
GHz
Small Signal Gain
21
dB
Input Return Loss
-9
dB
Output Return Loss
-9
dB
Supply Current
1300
mA
2.3 Absolute Maximum Ratings
Parameters
Max. Ratings
Operating Case Temperature (Tc)
-40 to
85 C
Storage Temperature (Tstg)
-55 to
125 C
Drain Voltage (VDD)
+9 V
Gate Voltage (VGG)
-1.5 to -0.5 V
Input RF Power (Pin)
23dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com