Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1437 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX1437
Description  Ku Band Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1437 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX1437 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1437
1. Product Overview
1.1 General Description
ASX1437 is a three-stage internally matched MMIC Power Amplifier which operates between 13.5 GHz
and 14.5 GHz frequency range. This product is well suited for VSAT applications.
1.2 Features
 Frequency Range: 13.5 – 14.5 GHz
 Saturated Output Power: 37 dBm
 Small Signal Gain: 21 dB
 Bias: VDD = +7 V, IDD = 1300 mA, VGG = -0.99 V (Typical)
100% DC and RF tested
1.3 Applications
 Ku Band VSAT
 Point to Point Radio
1.4 Package Profile & RoHS Compliance
10-lead Flange Package
RoHS-compliant
ASX1437 Data Sheet
Ku Band Power Amplifier MMIC


Similar Part No. - ASX1437

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
Ku Band Power Amplifier MMIC
January 2017
More results

Similar Description - ASX1437

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
Ku / K-Band Power Amplifier MMIC
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
Ku Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
Ku band Power Amplifier MMIC
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
Ku Band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
Ku Band GaN Power Amplifier MMIC
Sept 2015
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
Ku Band Power Amplifier MMIC
January 2017
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com