Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1437 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASX1437
Description  Ku Band Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1437 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASX1437 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1437 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1437
13
13.5
14
14.5
15
Frequency (GHz)
0
5
10
15
20
25
30
35
40
Pin = -15 dBm
Pin = -10 dBm
Pin = -5 dBm
Pin = 0 dBm
Pin = +6 dBm
Pin = +8 dBm
Pin = +10 dBm
Pin = +12 dBm
Pin = +14 dBm
Pin = +16 dBm
Pin = +18 dBm
13
13.5
14
14.5
15
Frequency (GHz)
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Pin = 0 dBm
Pin = +6 dBm
Pin = +8 dBm
Pin = +10 dBm
Pin = +12 dBm
Pin = +14 dBm
Pin = +16 dBm
Pin = +18 dBm
-20
-15
-10
-5
0
5
10
15
20
25
Input Power (dBm)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
3100
12
14
16
18
20
22
24
26
28
30
32
34
Output Power / Tone (dBm)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
Power Added Efficiency vs. Frequency
VDD = +7 V, IDD = 1300 mA
Output Power vs. Frequency
VDD = +7 V, IDD = 1300 mA
Output Power, IDD, Gain vs. Input Power
VDD = +7 V, IDD = 1300 mA
IMD3 vs. Output Power / Tone
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com