Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1436 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX1436
Description  Ku Band Power Amplifier MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1436 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX1436 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1436
2.4 Pin Descriptions
Pin
Pin Name
Description
1,5
Vg
Gate voltage
3
RF IN
Input, matched to 50 ohms
6,10
Vd
Drain voltage
8
RF OUT
Output, matched to 50 ohms
2,4,7,9
NC
No internal connection ( open
or connected to GND )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com