Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1436 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASX1436
Description  Ku Band Power Amplifier MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1436 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASX1436 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1436
3. Application 1: 13.75
– 14.50 GHz, VDD = +7V, IDD = 1300mA
3.1 Application Circuit
3.2 Biasing Procedure
Make sure no RF power is applied to the device before continuing.
Pinch off device by setting VGG to -1.5 V.
Raise VDD to +7 V while monitoring drain current.
Raise VGG until drain current reaches 1300 mA. VGG should be between -1.5 and -0.5 V.
Apply RF power.
To improve the thermal and RF performance, ASB recommends a heat sinker attached to the
bottom of the package with an Indium alloy preform.
Note 1: The capacitors are recommended on the bias supply line, close to the package, in order to
prevent video oscillations which could damage the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com