Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1436 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASX1436
Description  Ku Band Power Amplifier MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1436 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASX1436 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12/20
ASB Inc.
 sales@asb.co.kr
April 2016
ASX1436
4.3 Performance Table
Test conditions : T = +25
C, VDD = +7 V, CW, ZO = 50 
Parameters
Test Conditions
Min
Typ
Max
Units
Gate Bias Voltage
f = 13.75 - 14.50 GHz
-0.8
-0.5
V
Output Power at Psat1)
f = 13.75 - 14.50 GHz
33
34
dBm
Power Gain at Psat1)
f = 13.75 - 14.50 GHz
27
29
dB
Drain Current at Psat1)
f = 13.75 - 14.50 GHz
1400
1600
mA
Power Added Efficiency at Psat1)
f = 13.75 - 14.50 GHz
25
%
Gain Flatness
f = 13.75 - 14.50 GHz
1.5
2.0
dB
Input Return Loss
f = 13.75 - 14.50 GHz
-10
-6
dB
Output Return Loss
f = 13.75 - 14.50 GHz
-12
-8
dB
Output TOI2)
Δ
f = 10 MHz
2-Tone Test
Output power / Tone = +26 dBm
42
dBm
Supply Current
VDD = +7 V
1300
mA
1) Psat: Saturated output power
2) TOI: Third order intercept point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com