Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1037 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASX1037
Description  X Band Power Amplifier MMIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1037 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

Back Button ASX1037 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
ASB Inc.
 sales@asb.co.kr
June 2017
ASX1037
12
14
16
18
20
22
24
26
28
30
32
Output Power / Tone (dBm)
34
36
38
40
42
44
46
48
50
52
54
-15
-10
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
8
8.5
9
9.5
10
10.5
11
11.5
Frequency (GHz)
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
Pin = +25 dBm
Pin = +15 dBm
Pin = +5 dBm
Pin = -5 dBm
8
8.5
9
9.5
10
10.5
11
11.5
Frequency (GHz)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
Pin = +25 dBm
Pin = +15 dBm
Pin = +5 dBm
Pin = -5 dBm
Output Power vs. Frequency
VDD = +7 V, IDD = 1300 mA
Power Added Efficiency vs. Frequency
VDD = +7 V, IDD = 1300 mA
Output Power, IDD vs. Input Power
VDD = +7 V, IDD = 1300 mA
Output TOI vs. Output Power / Tone
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com