Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1037 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASX1037
Description  X Band Power Amplifier MMIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1037 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASX1037 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
ASB Inc.
 sales@asb.co.kr
June 2017
ASX1037
4. Mounting Instructions for Flange Package
4.1 Screw Mounting
4.1.1 The flange of package should be attached using screws. Torque conditions are shown in table 1.
Table 1. Recommended and Maximum Torque for Screw Mounting
Package
Recommended
Screw
Recommended
Torque
Maximum Torque
Flange
M2.0
10 N-cm (0.9 lb-in)
15 N-cm (1.3 lb-in)
4.1.2 First, tighten the screws with a torque driver set to 5 N-cm
4.1.3 The surface finish of the heat sinker should be better than 0.8 µm and the surface flatness must
be better than 10 µm.
4.1.4 Silicon based heat sink compounds should not be used for the thermal conductive grease. It
causes the poor grounding of the source flange, contamination, and long term degradation of
thermal resistance between the package and heat sinker.
4.2. Solder Mounting
4.2.1 Recommended solder is lead-free solder (Sn-3.0Ag-0.5Cu) or equivalent.
4.2.2 After soldering, the flux residue should be removed by appropriate cleaning methods.
4.2.3 The recommended soldering conditions are as follows:
Partial heating method: Soldering iron, spot laser/air
Product terminal temperature: 260°C, max. 10 sec/terminal or 400°C, max. 3 sec/terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com