Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX1037 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASX1037
Description  X Band Power Amplifier MMIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1037 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ASX1037 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
ASB Inc.
 sales@asb.co.kr
June 2017
ASX1037
-15
-10
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-15
-10
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-15
-10
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-15
-10
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
VDD = +7 V, IDD = 1300 mA @ 8.5 GHz
VDD = +7 V, IDD = 1300 mA @ 9.5 GHz
VDD = +7 V, IDD = 1300 mA @ 10.0 GHz
VDD = +7 V, IDD = 1300 mA @ 9.0 GHz
Output Power, Drain Current vs. Input Power by Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com