Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF548 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF548 Datasheet HTML 4Page - NXP Semiconductors BLF548 Datasheet HTML 5Page - NXP Semiconductors BLF548 Datasheet HTML 6Page - NXP Semiconductors BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors BLF548 Datasheet HTML 10Page - NXP Semiconductors BLF548 Datasheet HTML 11Page - NXP Semiconductors BLF548 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2003 Sep 26
8
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
List of components class-B test circuit (see Fig.11)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2
multilayer ceramic chip capacitor;
note 1
22 pF
C3
multilayer ceramic chip capacitor;
note 1
16 pF
C4
film dielectric trimmer
2 to 9 pF
2222 809 09005
C5
multilayer ceramic chip capacitor;
note 2
27 pF
C6, C21, C22
film dielectric trimmer
2 to 18 pF
2222 809 09006
C7, C10, C14, C15
multilayer ceramic chip capacitor;
note 1
390 pF
C8, C11, C12, C17
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C9
multilayer ceramic chip capacitor;
note 3
2
× 56 pF
in series
C23
C24


50
Ω
output
50
Ω
input
L24
L22
L23

,
L1
C1
L2
L3
C2
C3
L7
L6
C6
L5


,,

L4
C5
C4


,,,

L8
C18
C21
C19
C20
L13
L18
L9
L14
L19
MBC232
DUT
C9
L20
L21
C22
Vbias
Vbias
R1
R2
C8
C7
R3
R4
C10
C11
R6
R5
+VD
+VD
C12
C13
L11
R7
L10
C14
L12
L15
C15
L16
L17
C16
C17
R8
Fig.11 Test circuit for class-B operation.
f = 500 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com