Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF548 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors BLF548 Datasheet HTML 10Page - NXP Semiconductors BLF548 Datasheet HTML 11Page - NXP Semiconductors BLF548 Datasheet HTML 12Page - NXP Semiconductors BLF548 Datasheet HTML 13Page - NXP Semiconductors BLF548 Datasheet HTML 14Page - NXP Semiconductors BLF548 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2003 Sep 26
12
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
BLF548 scattering parameters
VDS = 28 V; ID = 40 mA; note 1
Note
1. For more extensive s-parameters see internet:
http://www.semiconductors.philips.com/markets/communications/wirelesscommunications/broadcast
f (MHz)
s11
s21
s12
s22
|s11|
∠Φ
|s21|
∠Φ
|s12|
∠Φ
|s22|
∠Φ
5
0.99
−14.0
13.60
171.0
0.02
81.0
0.89
−12.8
10
0.98
−27.6
13.20
162.0
0.04
72.4
0.87
−25.3
20
0.93
−52.0
11.90
146.0
0.07
57.1
0.82
−48.0
30
0.88
−72.0
10.30
134.0
0.09
44.8
0.77
−66.6
40
0.84
−87.7
8.93
124.0
0.10
35.2
0.72
−81.3
50
0.81
−100.0
7.75
116.0
0.11
27.7
0.68
−93.0
60
0.79
−110.0
6.78
110.0
0.12
21.6
0.66
−102.0
70
0.77
−118.0
6.00
104.0
0.12
16.7
0.64
−109.0
80
0.76
−124.0
5.36
99.8
0.12
12.5
0.63
−115.0
90
0.75
−129.0
4.82
95.9
0.12
8.9
0.62
−120.0
100
0.75
−133.0
4.37
92.3
0.13
5.7
0.61
−124.0
125
0.74
−141.0
3.53
84.7
0.13
−1.1
0.61
−131.0
150
0.74
−147.0
2.94
78.3
0.13
−6.6
0.61
−137.0
175
0.74
−151.0
2.50
72.6
0.12
−11.5
0.62
−140.0
200
0.75
−154.0
2.16
67.5
0.12
−15.8
0.64
−143.0
250
0.77
−159.0
1.67
58.4
0.12
−23.3
0.67
−148.0
300
0.78
−163.0
1.33
50.4
0.11
−29.7
0.70
−151.0
350
0.80
−167.0
1.09
43.1
0.10
−35.3
0.73
−154.0
400
0.82
−169.0
0.91
36.6
0.10
−40.3
0.75
−157.0
450
0.84
−172.0
0.77
30.6
0.09
−44.7
0.78
−160.0
500
0.85
−175.0
0.66
25.1
0.08
−48.6
0.80
−162.0
600
0.89
−179.0
0.50
15.6
0.07
−55.2
0.84
−167.0
700
0.90
177.0
0.39
7.5
0.06
−60.4
0.88
−170.0
800
0.92
173.0
0.32
0.6
0.05
−64.3
0.90
−174.0
900
0.93
169.0
0.26
−5.4
0.04
−67.3
0.92
−177.0
1000
0.94
166.0
0.22
−10.8
0.04
−69.2
0.93
−179.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com