Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF548 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF548 Datasheet HTML 1Page - NXP Semiconductors BLF548 Datasheet HTML 2Page - NXP Semiconductors BLF548 Datasheet HTML 3Page - NXP Semiconductors BLF548 Datasheet HTML 4Page - NXP Semiconductors BLF548 Datasheet HTML 5Page - NXP Semiconductors BLF548 Datasheet HTML 6Page - NXP Semiconductors BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2003 Sep 26
3
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor section unless otherwise specified
VDS
drain-source voltage
−
65
V
VGS
gate-source voltage
−±20
V
ID
drain current (DC)
−
15
A
Ptot
total power dissipation
Tmb ≤ 25 °C; total device; both sections
equally loaded
−
330
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to
mounting base
Tmb =25 °C; Ptot = 330 W; total device;
both sections equally loaded
0.5
K/W
Rth mb-h
thermal resistance from mounting
base to heatsink
total device; both sections equally
loaded
0.15
K/W
Fig.2 DC SOAR.
(1) Current in this area may be limited by RDSon.
(2) Tmb =25 °C.
Total device; both sections equally loaded.
handbook, halfpage
1
10
110
MRA997
102
102
(1)
ID
(A)
VDS (V)
(2)
Fig.3 Power derating curves.
(1) Continuous operation.
(2) Short-time operation during mismatch.
Total device; both sections equally loaded.
handbook, halfpage
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
(2)
(1)
MRA532
Ptot
(W)
Th (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com