Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3293 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3293 Datasheet HTML 1Page - E-CMOS Corporation EC3293 Datasheet HTML 2Page - E-CMOS Corporation EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 11
3L03N-Rev.P001
Ordering Information
Part Number
Package
Marking
Marking Information
EC3293NNMHR
SOP-8L
(Exposed Pad)
EC3293
LLLLL
YYWWT
1.
LLLLL:Lot No
2.
YYWW:Date Code
3.
T:Internal Tracking Code
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com