Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3293 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3293 Datasheet HTML 1Page - E-CMOS Corporation EC3293 Datasheet HTML 2Page - E-CMOS Corporation EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 11
3L03N-Rev.P001
Typical Application Circuit
Note: R5 and C7 are optional.
Details please see the DVT report.
Absolute Maximum Ratings
Supply Voltage VIN ……………………………….... –0.3V to +20V
Switch Node VSW ………………………………. –0.3V to VIN+0.3V
Boost VBOOT …………………………………… VSW–0.3V to VSW+6V
All Other Pins
…………………………………………… –0.3V to +6V
Junction Temperature
………………………………………. +150°C
Lead Temperature
…………………………………………….. +260°C
Storage Temperature Range
…………......
–65°C to +150°C
CAUTION: Stresses above those listed in
“Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage VIN …...…………...…….……… 4.75V to 18V
Output Voltage VOUT ……...…………...……. 0.923V to VIN–3V
Operating Temperature Range
……...…… –40°C to +125°C
Package Thermal Characteristics
Thermal Resistance,
θ
JA ……………………………………. 50°C/W
Thermal Resistance,
θ
JC ……………………………………. 10°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com