Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3293 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3293 Datasheet HTML 1Page - E-CMOS Corporation EC3293 Datasheet HTML 2Page - E-CMOS Corporation EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 11
3L03N-Rev.P001
Electrical Characteristics
(TA = +25°C, VIN = +12V, unless otherwise noted.)
* Guaranteed by design, not tested.
PARAMETER
Symbol
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
4.75
18
V
Output Voltage
VOUT
0.923
15
V
Shutdown Supply Current
VEN = 0V
3
6
µA
Supply Current
VEN = 2.0V, VFB = 1.0V
0.09
mA
Feedback Voltage
VFB
4.75V
≤ V
IN ≤ 18V
0.9
0.923
0.946
V
Feedback Over-voltage Threshold
1.01
V
Error Amplifier Voltage Gain *
AEA
1000
V/V
Error Amplifier Transconductance
GEA
ΔIC = ±10μA
120
µA/V
High-Side Switch-On Resistance *
RDS(ON)1
105
mΩ
Low-side Switch-On Resistance *
RDS(ON)2
85
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V,
TA = +125°C
10
µA
Upper Switch Current Limit
Minimum Duty Cycle
3.7
4.3
A
Lower Switch Current Limit
From Drain to Source
0
A
COMP to Current Sense Transconducta
nce
GCS
5.6
A/V
Oscillation Frequency
FOSC1
Rfreq = 175K
400
500
600
KHz
Short Circuit Oscillation Frequency
FOSC2
Rfreq = 175K, VFB = 0
V
100
125
150
KHz
Maximum Duty Cycle
DMAX
VFB = 0.5V
90
%
Minimum On Time *
120
ns
EN Falling Threshold Voltage
VEN Falling
1.22
V
EN Rising Threshold Voltage
VEN Rising
1.32
V
Input Under Voltage Lockout Threshold
VIN Rising
3.75
V
Input Under Voltage Lockout Threshold
Hysteresis
200
mV
Soft-Start Period
Fsw = 500KHz
16
ms
Thermal Shutdown *
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com