Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB61574 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CDB61574
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61574 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CDB61574 Datasheet HTML 8Page - Cirrus Logic CDB61574 Datasheet HTML 9Page - Cirrus Logic CDB61574 Datasheet HTML 10Page - Cirrus Logic CDB61574 Datasheet HTML 11Page - Cirrus Logic CDB61574 Datasheet HTML 12Page - Cirrus Logic CDB61574 Datasheet HTML 13Page - Cirrus Logic CDB61574 Datasheet HTML 14Page - Cirrus Logic CDB61574 Datasheet HTML 15Page - Cirrus Logic CDB61574 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
put from the phase selector feeds the clock and
data recovery circuits which generate the recov-
ered clock and sample the incoming signal at
appropriate intervals to recover the data.
Data sampling will continue at the periods se-
lected by the phase selector until an incoming
pulse deviates enough to cause a new phase to be
selected for data sampling. The phases of the de-
lay line are selected and updated to allow as much
as 0.4 UI of jitter from 10 kHz to 100 kHz, with-
out error. The jitter tolerance of the receiver
exceeds that shown in Figure 11. Additionally,
this method of clock and data recovery is tolerant
of long strings of consecutive zeros. The data
sampler will continuously sample data based on
its last input until a new pulse arrives to update
the clock phase selector.
The delay line is continuously calibrated using
the crystal oscillator reference clock. The delay
line produces 13 phases for each cycle of the ref-
erence clock. In effect, the 13 phases are
analogous to a 20 MHz clock when the reference
clock is 1.544 MHz. This implementation utilizes
the benefits of a 20 MHz clock for clock recovery
without actually having the clock present to im-
pede analog circuit performance.
In the Hardware Mode, data at RPOS and RNEG
should be sampled on the rising edge of RCLK,
the recovered clock. In the Extended Hardware
Mode, data at RDATA should be sampled on the
falling edge of RCLK. In the Host Mode, CLKE
determines the clock polarity for which output
data should be sampled as shown in Table 5.
10
1k
10k
1
100
100k
700
.1
1
10
100
.4
28
300
300
PEAK-TO-PEAK
JITTER
(unit intervals)
JITTER FREQUENCY (Hz)
AT&T 62411
138
Minimum
Performance
Figure 11. Minimum Input Jitter Tolerance of Receiver
(Clock Recovery Circuit and Jitter Attenuator)
1 : 2
RTIP
RRING
RPOS
RNEG
RCLK
Data
Level
Slicer
Data
Sampling
& Clock
Extraction
Jitter
Attenuator
Edge
Detector
Clock
Phase
Selector
Continuously
Calibrated
Delay Line
Figure 10. Receiver Block Diagram
CS61577
12
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com