Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB61574 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB61574
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61574 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB61574 Datasheet HTML 31Page - Cirrus Logic CDB61574 Datasheet HTML 32Page - Cirrus Logic CDB61574 Datasheet HTML 33Page - Cirrus Logic CDB61574 Datasheet HTML 34Page - Cirrus Logic CDB61574 Datasheet HTML 35Page - Cirrus Logic CDB61574 Datasheet HTML 36Page - Cirrus Logic CDB61574 Datasheet HTML 37Page - Cirrus Logic CDB61574 Datasheet HTML 38Page - Cirrus Logic CDB61574 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
The evaluation board supports 100
Ω twisted-pair
T1, 75
Ω coax E1, and 120Ω twisted-pair E1 op-
eration. The CDB61534, CDB61535, CDB6158,
CDB61574, and CDB61577 are supplied from
the factory with a 1:2 transmit transformer that
may be used for all T1 and E1 applications. The
CD B61 5 3 5 A , CD B61 58A, CDB61574A,
CDB61575, CDB61304A, and CDB61305A are
supplied with a 1:1.15 transmit transformer in-
stalled for T1 applications. An additional 1:1:1.26
transformer for E1 applications is provided with
the board. This transformer requires JP5 to be
jumpered across F-F for 75
Ω coax E1 applica-
tions.
T he CDB6 15 34 , CDB6 15 35 , CDB6158,
CDB61574, and CDB61577 require the JP8
jumper to be out for 75
Ω coax E1 applications.
This inserts resistor R2 to reduce the transmit
pulse amplitude and meet the 2.37 V nominal
pulse amplitude requirement in CCITT G.703. In
addition, R2 increases the equivalent load imped-
ance across TTIP and TRING.
RECEIVE CIRCUIT
The receive line interface signal is input at the
RTIP and RRING binding posts. The receive sig-
nal is transformer coupled to the line interface de-
vice through a center-tapped 1:2 transformer. The
transformer produces ground referenced pulses of
equal amplitude and opposite polarity on RTIP
and RRING.
The receive line interface is terminated by resis-
tors R9 and R10. The evaluation boards are sup-
plied from the factory with 200
Ω resistors for ter-
minating 100
Ω T1 twisted-pair lines. Resistors
R9 and R10 should be replaced with 240
Ω resis-
tors for terminating 120
Ω E1 twisted-pair lines or
150
Ω resistors for terminating 75Ω E1 coaxial
lines. Two 243
Ω resistors and two 150Ω resistors
are included with the evaluation board for this
purpose.
The recovered clock and data signals are avail-
able o n BN C ou tpu t s lab eled RCLK,
RPOS(RDATA), and RNEG(BPV). In the Hard-
ware and Host operating modes, data is output on
the RPOS(RDATA) and RNEG(BPV) connectors
in dual NRZ format. In the Extended Hardware
operating mode, data is output in NRZ format on
the RPOS(RDATA) connector and bipolar viola-
tions are reported on the RNEG(BPV) connector.
QUARTZ CRYSTAL
A quartz crystal must be installed in socket Y1 for
all devices except the CS6158 and CS6158A. A
Crystal Semiconductor CXT6176 crystal is rec-
ommended for T1 operation and a CXT8192 is
recommended for E1 operation. The evaluation
board has a CXT6176 installed at the factory and
a CXT8192 is also provided with the board.
The CDB6158 and CDB6158A have resistor R13
installed instead of a crystal. This connects the RT
pin of the device to the +5 Volt supply.
ALTERNATE CLOCK INPUT
The ACLKI BNC input provides the alternate
clock reference for the line interface device
(ACLK for the CS61534) when JP4 is jumpered
across C-C. This clock is required for the
CS61534, CS61535, CS6158, and CS6158A op-
eration but is optional for all other line interface
devices. If ACLKI is provided, it may be desir-
able to connect both C-C and D-D positions on
JP4 to terminate the external clock source provid-
ing ACLKI with the 51
Ω resistor R1. If ACLKI is
optional and not used, connector JP4 should be
jumpered across D-D to ground pin 1 of the de-
vice through resistor R1.
TRANSFORMER SELECTION
To permit the evaluation of other transformers,
Table 2 lists the transformer and line interface de-
vice combinations that can be used in T1 and E1
LINE INTERFACE EVALUATION BOARD
DS40DB3
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com