Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB61574 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB61574
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61574 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB61574 Datasheet HTML 17Page - Cirrus Logic CDB61574 Datasheet HTML 18Page - Cirrus Logic CDB61574 Datasheet HTML 19Page - Cirrus Logic CDB61574 Datasheet HTML 20Page - Cirrus Logic CDB61574 Datasheet HTML 21Page - Cirrus Logic CDB61574 Datasheet HTML 22Page - Cirrus Logic CDB61574 Datasheet HTML 23Page - Cirrus Logic CDB61574 Datasheet HTML 24Page - Cirrus Logic CDB61574 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Power Supplies
RGND - Ground, Pin 22.
Power supply ground for all subcircuits except the transmit driver; typically 0 Volts.
RV+ - Power Supply, Pin 21.
Power supply for all subcircuits except the transmit driver; typically +5 Volts.
TGND - Ground, Transmit Driver, Pin 14.
Power supply ground for the transmit driver; typically 0 Volts.
TV+ - Power Supply, Transmit Driver, Pin 15.
Power supply for the transmit driver; typically +5 Volts. TV+ must not exceed RV+ by more than
0.3 V.
Oscillator
XTALIN, XTALOUT - Crystal Connections, Pins 9 and 10.
A 6.176 MHz (or 8.192 MHz) crystal should be connected across these pins. If a 1.544 MHz (or
2.048 MHz) clock is provided on ACLKI (pin 1), the jitter attenuator may be disabled by tying
XTALIN, Pin 9 to RV+ through a 1 k
Ω resistor, and floating XTALOUT, Pin 10.
Overdriving the oscillator with an external clock is not supported.
Control
ACLKI - Alternate External Clock Input, Pin 1.
A 1.544 MHz (or 2.048 MHz) clock may be input to ACLKI, or this pin must be tied to ground.
During LOS, the ACLKI input signal, if present, is output on RCLK through the jitter attenuator.
CLKE - Clock Edge, Pin 28. (Host Mode)
Setting CLKE to logic 1 causes RPOS and RNEG to be valid on the falling edge of RCLK, and
SDO to be valid on the rising edge of SCLK. Conversely, setting CLKE to logic 0 causes RPOS
and RNEG to be valid on the rising edge of RCLK, and SDO to be valid on the falling edge of
SCLK.
CS - Chip Select, Pin 26. (Host Mode)
This pin must transition from high to low to read or write the serial port.
INT - Receive Alarm Interrupt, Pin 23. (Host Mode)
Goes low when LOS or DPM change state to flag the host processor. INT is cleared by writing
"clear LOS" or "clear DPM" to the register. INT is an open drain output and should be tied to the
power supply through a resistor.
CS61577
DS155PP2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com