Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40160BCN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40160BCN
Description  Decade Counter with Asynchronous Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40160BCN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD40160BCN Datasheet HTML 1Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 2Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 3Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 4Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 5Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 6Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 7Page - National Semiconductor (TI) CD40160BCN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5986
March 1988
CD40160BMCD40160BC
Decade Counter with Asynchronous Clear
CD40161BMCD40161BC
Binary Counter with Asynchronous Clear
CD40162BMCD40162BC
Decade Counter with Synchronous Clear
CD40163BMCD40163BC
Binary Counter with Synchronous Clear
General Description
These (synchronous presettable up) counters are monolith-
ic complementary MOS (CMOS) integrated circuits con-
structed with N- and P-channel enhancement mode transis-
tors They feature an internal carry look-ahead for fast
counting schemes and for cascading packages without ad-
ditional gating
A low level at the load input disables counting and causes
the outputs to agree with the data input after the next posi-
tive clock edge The clear function for the CD40162B and
CD40163B is synchronous and a low level at the clear input
sets all four outputs low after the next positive clock edge
The clear function for the CD40160B and CD40161B is
asynchronous and a low level at the clear input sets all four
outputs low regardless of the state of the clock
Counting is enabled when both count enable inputs are
high Input T is fed forward to also enable the carry out The
carry output is a positive pulse with a duration approximately
equal to the positive portion of QA and can be used to en-
able successive cascaded stages Logic transitions at the
enable P or T inputs can occur when the clock is high or
low
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Internal look-ahead for fast counting schemes
Y
Carry output for N-bit cascading
Y
Load control line
Y
Synchronously programmable
Y
Equivalent
to
MC14160B
MC14161B
MC14162B
MC14163B
Y
Equivalent to MM74C160
MM74C161
MM74C162
MM74C163
Connection Diagram
Dual-In-Line Package
TLF5986 – 1
Top View
Order Number CD40160B CD40161B
CD40162B or CD40163B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD40160BCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40160B TI-CD40160B Datasheet
552Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI1-CD40160B Datasheet
958Kb / 17P
CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI2-CD40160B Datasheet
979Kb / 22P
CMOS Synchronous Programmable 4-Bit Counters
Revised July 2003
CD40160BF3A TI-CD40160BF3A Datasheet
552Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
CD40160BF3A TI1-CD40160BF3A Datasheet
958Kb / 17P
CMOS Synchronous Programmable 4-Bit Counters
More results

Similar Description - CD40160BCN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
4-bit synchronous decade counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
4-Bit Binary Counter with Asynchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
logo
Renesas Technology Corp
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
Synchronous Decade Counter (direct clear)
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
Synchronous Decade Counter (synchronous clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com