Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF6104 Datasheet(PDF) 13 Page - OPTREX CORPORATION

Part # DMF6104
Description  LCD Module Specification
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF6104 Datasheet(HTML) 13 Page - OPTREX CORPORATION

Back Button DMF6104 Datasheet HTML 9Page - OPTREX CORPORATION DMF6104 Datasheet HTML 10Page - OPTREX CORPORATION DMF6104 Datasheet HTML 11Page - OPTREX CORPORATION DMF6104 Datasheet HTML 12Page - OPTREX CORPORATION DMF6104 Datasheet HTML 13Page - OPTREX CORPORATION DMF6104 Datasheet HTML 14Page - OPTREX CORPORATION DMF6104 Datasheet HTML 15Page - OPTREX CORPORATION DMF6104 Datasheet HTML 16Page - OPTREX CORPORATION DMF6104 Datasheet HTML 17Page - OPTREX CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DMF6104NF-FW
(AE)
No.97-0106
OPTREX CORPORATION
Page 13/17
OPTREX
6.Appearance Standards
6.1.Inspection conditions
The LCD shall be inspected under 40W white fluorescent light.
The distance between the eyes and the sample shall be more than 30cm.
All directions for inspecting the sample should be within 45゚against perpendicular line.
6.2.Definition of applicable Zones
A Zone : Active display area
B Zone : Area from outside of "A Zone" to validity viewing area
C Zone : Rest parts
A Zone + B Zone = Validity viewing area
A Zone
B Zone
C Zone
Bezel Flame
45゚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com