Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF6104 Datasheet(PDF) 4 Page - OPTREX CORPORATION

Part # DMF6104
Description  LCD Module Specification
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF6104 Datasheet(HTML) 4 Page - OPTREX CORPORATION

  DMF6104 Datasheet HTML 1Page - OPTREX CORPORATION DMF6104 Datasheet HTML 2Page - OPTREX CORPORATION DMF6104 Datasheet HTML 3Page - OPTREX CORPORATION DMF6104 Datasheet HTML 4Page - OPTREX CORPORATION DMF6104 Datasheet HTML 5Page - OPTREX CORPORATION DMF6104 Datasheet HTML 6Page - OPTREX CORPORATION DMF6104 Datasheet HTML 7Page - OPTREX CORPORATION DMF6104 Datasheet HTML 8Page - OPTREX CORPORATION DMF6104 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DMF6104NF-FW
(AE)
No.97-0106
OPTREX CORPORATION
Page 4/17
OPTREX
2.3.AC Characteristics
VCC=5.0V±10%
Parameter
Symbol
Min.
Max.
Units
Clock Pulse Width
tWC
100
-
ns
Latch Pulse High Level Width
tWL
125
-
ns
Clock Pulse Rise/Fall Time
tr, tf
-
50
ns
CP→LP Rise Time
tCL
63
-
ns
CP→LP Fall Time
tLSU2
90
-
ns
LP→CP Rise Time
tLSU1
90
-
ns
LP→CP Fall Time
tLC
63
-
ns
Data Setup Time
tDSU
50
-
ns
Data Hold Time
tDHD
80
-
ns
FLM Data Setup Time
tSETUP
100
-
ns
FLM Data Hold Time
tHOLD
100
-
ns
tHOLD
tSETUP
tr
tf
tDHD
tDSU
tWC
tLC
tLSU2
CP
tCL
tLSU1
LP
FLM
D0~D3
tWL
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com