Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF6104 Datasheet(PDF) 2 Page - OPTREX CORPORATION

Part # DMF6104
Description  LCD Module Specification
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF6104 Datasheet(HTML) 2 Page - OPTREX CORPORATION

  DMF6104 Datasheet HTML 1Page - OPTREX CORPORATION DMF6104 Datasheet HTML 2Page - OPTREX CORPORATION DMF6104 Datasheet HTML 3Page - OPTREX CORPORATION DMF6104 Datasheet HTML 4Page - OPTREX CORPORATION DMF6104 Datasheet HTML 5Page - OPTREX CORPORATION DMF6104 Datasheet HTML 6Page - OPTREX CORPORATION DMF6104 Datasheet HTML 7Page - OPTREX CORPORATION DMF6104 Datasheet HTML 8Page - OPTREX CORPORATION DMF6104 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DMF6104NF-FW
(AE)
No.97-0106
OPTREX CORPORATION
Page 2/17
OPTREX
1.General Specif ications
Operating Temp.
: min. 10℃ ~ max. 40℃
Storage Temp.
: min. -20℃ ~ max. 60℃
Dot Pixels
: 256 (W) × 128 (H) dots
Dot Size
: 0.43 (W) × 0.43 (H) mm
Dot Pitch
: 0.47 (W) × 0.47 (H) mm
Viewing Area
: 127.0 (W) × 70.0 (H) mm
Outline Dimensions
: 167.0 (W) × 116.0 (H) × 24.0 (D) mm
Weight
: 250g max.
LCD Type
: NTD-7451
( F-STN / Black &White-mode / Transmissive )
Viewing Angle
: 6:00
Data Transfer
: 4-bit parallel data transfer
Backlight
: Cold Cathode Fluorescent Lamp (CFL) × 1
Drawings
: Dimensional Outline
UE-32050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com