Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL016B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCL016B
Description  SUPER LOW NOISE PHEMT CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCL016B Datasheet(HTML) 2 Page - BeRex Corporation

  BCL016B Datasheet HTML 1Page - BeRex Corporation BCL016B Datasheet HTML 2Page - BeRex Corporation BCL016B Datasheet HTML 3Page - BeRex Corporation BCL016B Datasheet HTML 4Page - BeRex Corporation BCL016B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners.
© 2016 BeRex
Rev. 2.1 A
PRELIMINARY
BCL016B
MAXIMUM RATING (Ta = 25°C)
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.
S-PARAMETERS (Vds = 2 V, Ids = 10 mA)
FREQUENCY
[GHz]
S11
[MAG]
S11
[Ang]
S21
[MAG]
S21
[Ang]
S12
[MAG]
S12
[Ang]
S22
[MAG]
S22
[Ang]
1
0.99
-11.25
5.95
169.63
0.017
83.73
0.54
-5.90
2
0.98
-22.22
5.93
160.06
0.033
76.58
0.53
-11.65
3
0.97
-32.54
5.68
151.26
0.048
70.53
0.51
-17.14
4
0.95
-44.55
5.73
142.08
0.062
64.57
0.48
-21.53
5
0.93
-54.26
5.52
133.35
0.076
58.37
0.44
-27.50
6
0.91
-65.76
5.59
124.70
0.089
53.16
0.40
-32.21
7
0.88
-79.02
5.45
114.83
0.101
45.48
0.33
-42.00
8
0.85
-90.99
5.42
106.08
0.113
40.18
0.28
-45.56
9
0.82
-101.41
5.31
97.75
0.125
33.41
0.23
-58.00
10
0.78
-116.54
5.22
87.78
0.133
26.50
0.15
-73.89
11
0.74
-131.03
5.13
78.33
0.143
19.24
0.11
-103.09
12
0.68
-150.07
5.00
66.81
0.151
10.38
0.13
-157.16
13
0.66
-169.47
4.69
56.28
0.153
2.15
0.18
164.27
14
0.63
168.75
4.46
45.46
0.157
-6.54
0.26
148.69
15
0.64
145.31
4.10
33.81
0.154
-16.06
0.36
135.43
16
0.66
124.37
3.70
23.23
0.148
-24.06
0.44
126.12
17
0.69
102.63
3.30
11.86
0.141
-32.66
0.51
119.95
18
0.73
88.34
2.85
3.09
0.130
-38.61
0.57
111.43
19
0.76
75.06
2.48
-5.82
0.120
-43.78
0.62
106.03
20
0.80
59.85
2.12
-15.00
0.109
-48.60
0.65
101.91
21
0.82
52.72
1.80
-21.27
0.100
-50.84
0.67
98.55
22
0.84
42.62
1.52
-28.44
0.093
-53.53
0.69
96.42
23
0.86
35.06
1.23
-34.89
0.084
-57.23
0.71
92.69
24
0.89
32.73
1.04
-38.66
0.076
-60.50
0.73
90.55
25
0.91
24.09
0.86
-43.76
0.062
-61.13
0.76
89.32
26
0.93
19.10
0.69
-48.13
0.054
-60.20
0.77
88.42
NOTE: S-parameters include 12 mil gold bond wires: 1 gate wire, 1 drain wire, 4 source wires. Reference planes are at the edge of substrates
shown in the “Wire Bonding Information”.
SYMBOLS
PARAMETERS
ABSOLUTE MAX.
VDS
VGS
IDS
IGSF
PIN
TCH
TSTG
PT
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
5 V
-3 V
50 mA
30 mA
20 dBm
150°C
-60°C - 150°C
200 mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com