Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL016B Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCL016B
Description  SUPER LOW NOISE PHEMT CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCL016B Datasheet(HTML) 3 Page - BeRex Corporation

  BCL016B Datasheet HTML 1Page - BeRex Corporation BCL016B Datasheet HTML 2Page - BeRex Corporation BCL016B Datasheet HTML 3Page - BeRex Corporation BCL016B Datasheet HTML 4Page - BeRex Corporation BCL016B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners.
© 2016 BeRex
Rev. 2.1 A
PRELIMINARY
BCL016B
NOISE PARAMETERS (Vds = 2 V, Ids = 10 mA)
FREQUENCY
(GHz)
NF MIN.
(dB)
GAMMA OPT.
(Mag.)
GAMMA OPT.
(Ang.)
ASSOCIATED
GAIN (dB)
NORMALIZED
Rn
2
0.16
0.827
3.65
20.46
0.19
3
0.18
0.810
15.55
19.58
0.18
4
0.19
0.783
27.38
18.74
0.17
5
0.20
0.752
30.67
17.92
0.16
6
0.21
0.712
34.53
17.14
0.16
7
0.23
0.668
36.60
16.39
0.15
8
0.24
0.623
37.40
15.67
0.14
9
0.26
0.582
33.31
14.99
0.14
10
0.30
0.519
37.28
14.49
0.13
11
0.35
0.449
37.26
13.92
0.12
12
0.39
0.395
39.95
13.43
0.11
13
0.43
0.318
44.86
12.97
0.10
14
0.47
0.228
55.71
12.60
0.09
15
0.51
0.105
88.03
12.21
0.07
16
0.55
0.113
-164.03
11.86
0.06
17
0.59
0.287
-126.82
11.58
0.06
18
0.61
0.461
-106.23
11.29
0.10
19
0.67
0.606
-89.02
10.98
0.20
20
0.71
0.703
-73.51
10.70
0.30
21
0.79
0.763
-71.97
10.40
0.47
22
0.84
0.799
-66.64
9.80
0.51
23
0.91
0.825
-62.25
9.30
0.55
24
0.96
0.833
-58.63
8.70
0.61
25
0.97
0.845
-55.61
7.90
0.67
26
1.00
0.849
-52.18
7.20
0.79
NOTE: NF data includes 12 mil gold bond wires: 1 gate wire, 1 drain wire, 4 source wires. Reference planes are at the edge of substrates shown
in the “Wire Bonding Information”.
ASSOCIATE GAIN / NOISE FIGURE
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
25
0
5
10
15
20
25
30
Associated Gain (dB)
NF MIN. (dB)
FREQ. (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com