Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL016B Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCL016B
Description  SUPER LOW NOISE PHEMT CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCL016B Datasheet(HTML) 4 Page - BeRex Corporation

  BCL016B Datasheet HTML 1Page - BeRex Corporation BCL016B Datasheet HTML 2Page - BeRex Corporation BCL016B Datasheet HTML 3Page - BeRex Corporation BCL016B Datasheet HTML 4Page - BeRex Corporation BCL016B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners.
© 2016 BeRex
Rev. 2.1 A
PRELIMINARY
BCL016B
PIN_POUT/Gain, PAE (12 GHz)
Frequency = 12GHz
VDS = 2 V, IDS = 10 mA
WIRE BONDING INFORMATION
Always follow wire bonding diagrams recommended by BeRex for each device to achieve optimum device
performance and reliability. As a general rule, bonding temperature should be kept to a maximum of 280°C for no
longer than 2 minutes for all bonding wires.
Using 1 mil. Diameter, Au bonding wires.
1. Gate to input transmission line
- Length and Height : 500 µm x 250 µm
- Number of wire(s): 1
2. Drain to output transmission line
- Length and Height : 500 µm x 250 µm
- Number of wire(s) : 1
3. Source to ground plate
- Length and Height : 350 µm x 200 µm
- Number of wire(s) : 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com