Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFDR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFDR
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFDR Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS5755MDFDR Datasheet HTML 60Page - Texas Instruments TAS5755MDFDR Datasheet HTML 61Page - Texas Instruments TAS5755MDFDR Datasheet HTML 62Page - Texas Instruments TAS5755MDFDR Datasheet HTML 63Page - Texas Instruments TAS5755MDFDR Datasheet HTML 64Page - Texas Instruments TAS5755MDFDR Datasheet HTML 65Page - Texas Instruments TAS5755MDFDR Datasheet HTML 66Page - Texas Instruments TAS5755MDFDR Datasheet HTML 67Page - Texas Instruments TAS5755MDFDR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
64
TAS5755M
SLOS982 – AUGUST 2017
www.ti.com
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.2.1.2.4.3
Shutdown Sequence
Enter:
1.
Write 0x40 to register 0x05.
2.
Wait at least 1 ms + 1.3 × tstop (where tstop is specified by register 0x1A).
3.
If desired, reconfigure by returning to step 4 of initialization sequence.
Exit:
1.
Write 0x00 to register 0x05 (exit shutdown command may not be serviced for as much as 240 ms
after trim following AVDD/DVDD power-up ramp).
2.
Wait at least 1 ms + 1.3 × tstart (where tstart is specified by register 0x1A).
3.
Proceed with normal operation.
10.2.1.2.4.4
Power-Down Sequence
Use the following sequence to power down the device and its supplies:
1.
If time permits, enter shutdown (sequence defined in Shutdown Sequence); else, in case of
sudden power loss, assert PDN = 0 and wait at least 2 ms.
2.
Assert RESET = 0.
3.
Drive digital inputs low and ramp down PVDD supply as follows:
•
Drive all digital inputs low after RESET has been low for at least 2 µs.
•
Ramp down PVDD while ensuring that it remains above 8 V until RESET has been low for at
least 2 µs.
4.
Ramp down AVDD/DVDD while ensuring that it remains above 3 V until PVDD is below 6 V and
that it is never more than 2.5 V below the digital inputs.
10.2.1.3 Application Curves
space
Table 25. Relevant Performance Curves
CURVE TITLE
FIGURE
Output Power vs Supply Voltage (2.0 BTL Mode)
With 4ω Load on Typical 2 Layer PCB Device May Be Thermally Limited Above 20 V
Figure 18
Total Harmonic Distortion + Noise vs Output Power (2.0 BTL Mode)
Figure 19
Total Harmonic Distortion + Noise vs Output Power (2.0 BTL Mode)
Figure 20
Total Harmonic Distortion + Noise vs Output Power (2.0 BTL Mode)
Figure 21
Total Harmonic Distortion vs Frequency (2.0 BTL Mode)
Figure 22
Total Harmonic Distortion vs Frequency (2.0 BTL Mode)
Figure 23
Total Harmonic Distortion vs Frequency (2.0 BTL Mode)
Figure 24
Efficiency vs Output Power (2.0 BTL Mode)
Figure 25
Crosstalk vs Frequency (2.0 BTL Mode)
Figure 26
Crosstalk vs Frequency (2.0 BTL Mode)
Figure 27
Crosstalk vs Frequency (2.0 BTL Mode)
Figure 28
Crosstalk vs Frequency (2.0 BTL Mode)
Figure 29
Power vs Supply Voltage (2.0 BTL Mode)
Figure 30
Idle Channel Noise vs Supply Voltage (2.0 BTL Mode)
Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com