Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFDR
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFDR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5755MDFDR Datasheet HTML 1Page - Texas Instruments TAS5755MDFDR Datasheet HTML 2Page - Texas Instruments TAS5755MDFDR Datasheet HTML 3Page - Texas Instruments TAS5755MDFDR Datasheet HTML 4Page - Texas Instruments TAS5755MDFDR Datasheet HTML 5Page - Texas Instruments TAS5755MDFDR Datasheet HTML 6Page - Texas Instruments TAS5755MDFDR Datasheet HTML 7Page - Texas Instruments TAS5755MDFDR Datasheet HTML 8Page - Texas Instruments TAS5755MDFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Efficiency_vs_OutputPower_6R.grf
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
D018
D010
BTL Mode
RL = 6 :
TA = 25qC
Effi
PVDD = 12 V
PVDD = 18 V
PVDD = 24 V
OutPower_vs_Supply_4R6R.grf
Supply Voltage (V)
8
13
18
23
26.4
0
20
40
60
80
BTL Mode
TA = 25 qC
Outp
OutP
THD = 1%, RL = 4 :
THD = 10%, RL = 4 :
THD = 1%, RL = 6 :
THD = 10%, RL = 6 :
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TAS5755M
SLOS982 – AUGUST 2017
TAS5755M 2 × 50-W or 2 × 19-W + 1 × 50-W Digital Input Audio Amplifier With Equalizer, 2-
Band DRC, And License-Free 3D Effect
1
1 Features
1
•
2 × 19 W + 1 × 50 W in 2.1 Mode (4
Ω SE, 6 Ω
BTL, PVDD = 24 V, 1 kHz)
•
2 × 50 W in 2.0 Mode (6
Ω, PVDD = 24 V, 1 kHz)
•
2.1 Mode, 2.0 Mode, and Mono Mode
Configurations
•
PVDD range: 8 to 26.4 V
•
RDSON
≤ 80 mΩ
•
6-A Current Sourcing Capability
•
Pre-Filter PBTL
•
Audio Performance Features (PVDD = 18 V)
–
THD+N
≤ 0.1% @ 1 kHz (RSPK = 8 Ω, POUT
= 1 W)
–
ICN
≤ 50 µVRMS
–
Crosstalk
≤ - 67 dB
–
SNR
≥ 104 dB (A-weighted)
•
2 × 8 BiQuad for L/R
•
1 × 2 BiQuad for Sub
•
Two Assignable Log-Style DRC for L/R or L/R/Sub
•
License-Free 3D Effects
•
DC Blocking Filter
•
Thermal, Short-circuit, and Undervoltage
Protection
•
Pad-Up for Maximum Thermal Performance with a
Heat Sink
•
AD/BD Modulation
•
Automatic Rate Detection
2 Applications
•
HDTV, UHDTV
•
Low-Cost Sound Bars
•
Desktop PC Audio Systems
•
General Purpose Audio Equipment
3 Description
The TAS5755M is functionally equivalent to the
TAS5731M, but in a Pad-Up design that allows the
device to create more power without experience a
shutdown due to thermal limitations of a pad-down
device.
Like the TAS5731M, the TAS5755M is a very flexible
device, offering output configuration support for 2.1,
2.0, and mono applications. Single chip 2.1 is
accomplished by running each of the Left and Right
Speaker from an independent half-bridge and the
subwoofer
from
a
dedicated
full-bridge.
Oversampling, combined with a fourth-order noise
shaper, provides a flat noise floor and excellent
dynamic range from 20 Hz to 20 kHz.
A powerful output stage made up of 80-m
Ω output
MOSFETs coupled with a pad-up design to allow the
use of a heatsink, enables the device to make as
much as 2 × 50 W for a 6-
Ω load. Conversely, in
mono mode, it can make as much as 1 × 70 W
continuously with a 4-
Ω load.
Audio processing for the device consists of Stereo,
Mono, and 2.1 signal mixing, as well as DC blocking
filters, 8 BiQuads for L and R and 2 Biquads for the
subwoofer channel. In addition to equalization, power
limiting is accomplished by a two band Log-style
DRC. A separate single band DRC is provided for the
subwoofer.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5755M
DFD
14 mm × 6.1 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Efficiency vs Total Output Power
Output Power vs Supply Voltage


Similar Part No. - TAS5755MDFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
Digital Input Audio Power Amplifier
TAS5751MDCA TI1-TAS5751MDCA Datasheet
2Mb / 70P
Digital Input Audio Power Amplifier
TAS5751MDCAR TI1-TAS5751MDCAR Datasheet
2Mb / 70P
Digital Input Audio Power Amplifier
TAS5753MD TI1-TAS5753MD Datasheet
147Kb / 8P
Digital Input Audio Power Amplifier with EQ and 3-Band AGL
TAS5753MDDCA TI1-TAS5753MDDCA Datasheet
147Kb / 8P
Digital Input Audio Power Amplifier with EQ and 3-Band AGL
More results

Similar Description - TAS5755MDFDR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
2 x 0.7 W BTL audio amplifier
1998 Mar 25
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com