Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFDR
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5755MDFDR Datasheet HTML 9Page - Texas Instruments TAS5755MDFDR Datasheet HTML 10Page - Texas Instruments TAS5755MDFDR Datasheet HTML 11Page - Texas Instruments TAS5755MDFDR Datasheet HTML 12Page - Texas Instruments TAS5755MDFDR Datasheet HTML 13Page - Texas Instruments TAS5755MDFDR Datasheet HTML 14Page - Texas Instruments TAS5755MDFDR Datasheet HTML 15Page - Texas Instruments TAS5755MDFDR Datasheet HTML 16Page - Texas Instruments TAS5755MDFDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 2î8Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
C020
2.1 SE Mode
P
O = 1W
PV
DD = 12V
T
A = 25
ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 2î8Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
C021
2.1 SE Mode
P
O = 1W
PV
DD = 18V
T
A = 25
ƒC
0.001
0.01
0.1
1
10
1
10
Output Power (W)
RL = 2î8Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
C018
2.1 SE Mode
PV
DD = 18V
f = 1kHz
T
A = 25
ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 2î8Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
C019
2.1 SE Mode
PV
DD = 24V
f = 1kHz
T
A = 25°C
OutputPower_vs_Supply_Voltage_SE_4R.grf
Supply Voltage (V)
8
13
18
23
26.4
0
5
10
15
20
25
Outp
2.1 SE Mode
RL = 2u4 : + 6 :
TA = 25 qC
Outp
THD = 1%
THD = 10%
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 2î8Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
RL = 2î4Ÿ
Ÿ
C017
2.1 SE Mode
PV
DD = 12V
f = 1kHz
T
A = 25
ƒC
13
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.14 Typical Characteristics
7.14.1 Typical Characteristics, 2.1 SE Configuration, 4 Ω
Figure 5. Output Power vs Supply Voltage
Figure 6. Total Harmonic Distortion + Noise vs Output
Power
Figure 7. Total Harmonic Distortion + Noise vs Output
Power
Figure 8. Total Harmonic Distortion + Noise vs Output
Power
Figure 9. Total Harmonic Distortion + Noise vs Frequency
Figure 10. Total Harmonic Distortion + Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com