Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1012B Datasheet(PDF) 6 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 6 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 2Page - Texas Instruments GC1012B Datasheet HTML 3Page - Texas Instruments GC1012B Datasheet HTML 4Page - Texas Instruments GC1012B Datasheet HTML 5Page - Texas Instruments GC1012B Datasheet HTML 6Page - Texas Instruments GC1012B Datasheet HTML 7Page - Texas Instruments GC1012B Datasheet HTML 8Page - Texas Instruments GC1012B Datasheet HTML 9Page - Texas Instruments GC1012B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Texas Instruments Incorporated
- 2 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
1.2
BLOCK DIAGRAM
A block diagram illustrating the major functions of the chip is shown in Figure 1
Figure 1. GC1012B Block Diagram
Each of these functions are described below.
1.3
CONTROL INTERFACE
The control interface performs four major functions: It allows an external processor to configure the
chip, it allows an external processor to capture and read output samples from the chip, it allows an external
processor to perform diagnostics, and it generates internal synchronization strobes.
The chip is configured by writing control information into 8 bit control registers within the chip. The
contents of these control registers and how to use them are described in Section 3. The registers are written
to or read from using the C[0:7], A[0:3], WE, RE, and CE pins. Each control register has been assigned a
unique address within the chip. An external processor (a microprocessor, computer, or DSP chip) can write
into a register by setting A[0:3] to the desired register address, setting the CE pin low, setting C[0:7] to the
desired value and then pulsing WE low. RE must remain high
To read from a control register the processor must set A[0:3] to the desired address, set CE low,
and then set RE low. The chip will then drive C[0:7] with the contents of the selected register. After the
processor has read the value from C[0:7] it should set RE and CE high. The C[0:7] pins are turned off (high
impedance) whenever CE is high or WE is low.
DIAG-
NOSTIC
RAMP
DIGITAL
OSCILLATOR
COS
SIN
DIAG
SELECT
FREQ
PROGRAMMABLE
LOW PASS
FILTER
GAIN
ADJUST
OUTPUT
FORMAT
CHECKSUM
GAIN
I/Q
BANDWIDTH
CONTROL INTERFACE
C0-C7
A0-A3
CE
WE
REAL,
CHECKSUM
I
Q
(10,12,14, OR 16 BITS)
STROBES
(WS,IFLAG)
SYNCS OUT
(SO,OS,INT,OFLOW)
CK
YNCS IN
S,AS,GS)
X
VCC
GND
AND
SAMPLES
OUTPUTS
OPTIONS
FLIP
OFFSET
(12 BITS)
RE
(CS)
(R/W)
(GND)
(<- GC1012A Signal Names)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com