Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1012B Datasheet(PDF) 13 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 9Page - Texas Instruments GC1012B Datasheet HTML 10Page - Texas Instruments GC1012B Datasheet HTML 11Page - Texas Instruments GC1012B Datasheet HTML 12Page - Texas Instruments GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Texas Instruments Incorporated
- 9 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
SIGNAL
DESCRIPTION
X[0:11]
INPUT DATA. Active high
The 12 bit two’s complement input samples. New samples are clocked into the chip on the rising edge of the clock. The input
data rate is assumed to be equal to the clock rate.
CK
CLOCK INPUT. Active high
The clock input to the chip. The X, SS, GS and AS signals are clocked into the chip on the rising edge of this clock. The I,
Q, WS, IFLAG, OS, OFLOW and SO signals are clocked out on the rising edge of this clock.
SS
SYSTEM SYNC. Active low
The sync input to the chip. All timers, accumulators, and control counters are, or can be, synchronized to SS. Bits in control
register 4 (see Section 3.2) determine the operation of SS. This sync is clocked into the chip on the rising edge of the clock.
AS
ACCUMULATOR SYNC. Active low
The accumulator sync is provided to synchronously change tuning frequencies. This sync can be used to load a new tuning
frequency into the frequency register and/or to clear the frequency accumulator. This signal is clocked into the chip on the
rising edge of the clock.
GS
GAIN SYNC. Active low
The gain sync is provided to synchronously change gain settings. This signal is clocked into the chip on the rising edge of
the clock.
I[0:15]
IN-PHASE OUTPUT DATA. Active high
The I part of each complex output sample is output as a 16 bit word on this pin. The bits are clocked out on the rising edge
of the clock.
OEI
IN-PHASE OUTPUT ENABLE. Active low
The I[0:15] output pins are put into a high impedance state when this pin is high.
Q[0:15]
QUADRATURE OUTPUT DATA. Active high
The Q part of each complex output sample is output as a 16 bit word on this pin. The bits are clocked out on the rising edge
of the clock.
OEQ
QUADRATURE OUTPUT ENABLE. Active low
The Q[0:15] output pins are put into a high impedance state when this pin is high.
WS
WORD STROBE. Programmable active high or low level
This strobe is output synchronous with the I and Q data words. The strobe occurs once per bit and is either one clock wide
or has a 50% duty cycle. The high/low polarity of the strobe is programmable. See Section 3.5 for details.
IFLAG
IN-PHASE STROBE. Active high
This strobe identifies the in-phase half of a complex pair when the outputs are in the IQ_MUX mode. See Section 3.5 for
details. This signal is high when the I-half is output and is low when the Q-half is output.
SO
SYNC OUT. Active low
This signal is either a delayed version of the input system sync SS, or, if SS_MUX in control register 4 is set, is the internally
generated sync which has a period of 220 clocks.
INT
INTERRUPT OUT. Active low
This signal is the READY flag from control register 9. This interrupt goes active when a new output sample is ready in control
registers 12, 13, 14, and 15.
OS
ONE SHOT STROBE. Active low
This output is a one-shot sync strobe generated by writing to control address 10. The strobe is one clock cycle wide.
OFLOW
OVERFLOW FLAG. Active low
This signal goes low when an overflow is detected in the gain circuit. The signal will either pulse low for one clock cycle or
will stay low depending upon the state of the OFLOW_MODE bit in control register 9.
C[0:7]
CONTROL DATA I/O BUS. Active high
This is the 8 bit control data I/O bus. Control register data is loaded into the chip or read from the chip through these pins.
The chip will only drive these pins when CS is low and R/W is high.
A[0:3]
CONTROL ADDRESS BUS. Active high
These pins are used to address the 16 control registers within the chip. Each of the 16 control registers within the chip are
assigned a unique address. A control register can be written to or read from by setting A[0:3] to the register’s address.
RE
READ STROBE. Active low
The RE strobe is used to read the control registers. Control register data is output when both RE and CE are low.
WE
WRITE STROBE. Active low
The WE strobe is used to write the control registers. Control register data is written when both WE and CE are low.
CE
CHIP ENABLE. Active low
This control enables the read or write operation. The contents of the register selected by A[0:3] will be output on C[0:7]
when RE is low and CE is low. If WE is low when CE goes low, then the selected register will be loaded with the contents
of C[0:7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com