Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1012B Datasheet(PDF) 21 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments GC1012B Datasheet HTML 23Page - Texas Instruments GC1012B Datasheet HTML 24Page - Texas Instruments GC1012B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Texas Instruments Incorporated
- 17 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.7
ONE SHOT ADDRESS
The one shot pulse is generated on the OS pin by writing to address 10. This is a write-only address
and the data written to it is irrelevant.
ADDRESS 10:
ONE SHOT
3.8
CHECKSUM REGISTER
This read-only register stores the checksums generated in the diagnostic mode.
ADDRESS 11:
CHECKSUM
BIT
TYPE
NAME
DESCRIPTION
0-7
R
CHECK[0:7]
The 8 bit checksum. The checksum is generated as a non-linear feedback
accumulation of the BS, FS, I, and Q output bits. The current checksum is stored
in this register and the checksum generator is cleared whenever the internal sync
goes low (see SS_MUX in Section 3.2 for the modes of the internal sync).
3.9
I AND Q OUTPUT REGISTERS
These registers are used to capture output samples.
ADDRESS 12:
I-Output Byte 0
BIT
TYPE
NAME
DESCRIPTION
0-7
R
I[0:7]
Least significant 8 bits of the I output.
ADDRESS 13:
I-Output Byte 1
BIT
TYPE
NAME
DESCRIPTION
0-7
R
I[8:15]
Most significant 8 bits of the I output.
ADDRESS 14:
Q-Output Byte 0
BIT
TYPE
NAME
DESCRIPTION
0-7
R
Q[0:7]
Least significant 8 bits of the Q output.
ADDRESS 15:
Q-Output Byte 0
BIT
TYPE
NAME
DESCRIPTION
0-7
R
QI[8:15]
Most significant 8 bits of the Q output.
The user reads the I and Q outputs through these read-only registers. The captured samples can
be used for gain control, analysis, display, or diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com