Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX136 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX136 Datasheet HTML 1Page - Texas Instruments TMUX136 Datasheet HTML 2Page - Texas Instruments TMUX136 Datasheet HTML 3Page - Texas Instruments TMUX136 Datasheet HTML 4Page - Texas Instruments TMUX136 Datasheet HTML 5Page - Texas Instruments TMUX136 Datasheet HTML 6Page - Texas Instruments TMUX136 Datasheet HTML 7Page - Texas Instruments TMUX136 Datasheet HTML 8Page - Texas Instruments TMUX136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
A1
2
A2
3
B1
4
B2
6
EN
7
COM1
8
COM2
9
SEL
Not to scale
3
TMUX136
www.ti.com
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
Product Folder Links: TMUX136
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RSE Package
10 Pin (UQFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
A1
I/O
Signal path A1
2
A2
I/O
Signal path A2
3
B1
I/O
Signal path B1
4
B2
I/O
Signal path B2
5
GND
—
Ground
6
EN
I
Enable (Active Low)
7
COM1
I/O
Common signal path 1
8
COM2
I/O
Common signal path 2
9
SEL
I
Switch select (logic Low = COM to A PORT Logic High = COM to B PORT)
10
VCC
—
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com