Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX136 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX136 Datasheet HTML 1Page - Texas Instruments TMUX136 Datasheet HTML 2Page - Texas Instruments TMUX136 Datasheet HTML 3Page - Texas Instruments TMUX136 Datasheet HTML 4Page - Texas Instruments TMUX136 Datasheet HTML 5Page - Texas Instruments TMUX136 Datasheet HTML 6Page - Texas Instruments TMUX136 Datasheet HTML 7Page - Texas Instruments TMUX136 Datasheet HTML 8Page - Texas Instruments TMUX136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
TMUX136
www.ti.com
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
Product Folder Links: TMUX136
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC (1)
TMUX136
UNIT
RSE (UQFN)
10 PINS
RθJA
Junction-to-ambient thermal resistance
191.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94.3
°C/W
RθJB
Junction-to-board thermal resistance
117.5
°C/W
ψJT
Junction-to-top characterization parameter
7.4
°C/W
ψJB
Junction-to-board characterization parameter
117.4
°C/W
6.5 Electrical Characteristics
TA = –40°C to +85°C, Typical values are at VCC = 3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A PORT SWITCH
RON
ON-state resistance
VCC = 2.7 V
VI/O = 1.65 V, ION = –8 mA
5.7
9
Ω
VCC = 2.3 V
VI/O = 1.65 V, ION = –8 mA
5.7
9.5
ΔRON
ON-state resistance
match between signal
path 1 and 2
VCC = 2.3 V
VI/O = 1.65 V, ION = –8 mA
0.1
Ω
RON
(FLAT)
ON-state resistance
flatness
VCC = 2.3 V
VI/O = 1.65 V to 3.45 V, ION = –8 mA
1
Ω
IOZ
OFF leakage current
VCC = 4.8 V
Switch OFF, VB = 1.65 V to 3.45 V,
VCOM = 0 V
–2
2
µA
IOFF
Power-off leakage
current
VCC = 0 V
Switch ON or OFF, VB = 1.65 V to 3.45 V,
VCOM = NC
–10
10
µA
ION
ON leakage current
VCC = 4.8 V
Switch ON, VB = 1.65 V to 3.45 V,
VCOM = NC
–2
2
µA
VCC = 2.3 V
Switch ON, VB = 1.65 V to 3.45 V,
VCOM = NC
–125
125
B PORT SWITCH
RON
ON-state resistance
VCC = 2.3 V
VI/O = 0.4 V, ION = –8 mA
4.6
7.5
Ω
ΔRON
ON-state resistance
match between signal
path 1 and 2
VCC = 2.3 V
VI/O = 0.4 V, ION = –8 mA
0.1
Ω
RON
(FLAT)
ON-state resistance
flatness
VCC = 2.3 V
VI/O = 0 V to 0.4 V, ION = –8 mA
1
Ω
IOZ
OFF leakage current
VCC = 4.8 V
Switch OFF, VA = 0 V to 3.6 V, VCOM = 0 V
–2
2
µA
IOFF
Power-off leakage
current
VCC = 0 V
Switch ON or OFF, VA = 0 V to 3.6 V,
VCOM = NC
–10
10
µA
ION
ON leakage current
VCC = 4.8 V
Switch ON, VA = 0 V to 3.6 V,
VD± = NC
–2
2
µA
VCC = 2.3 V
Switch ON, VA = 0 V to 3.6 V,
VB = NC
–125
125
DIGITAL CONTROL INPUTS (SEL, EN)
VIH
Input logic high
VCC = 2.3 V to 4.8 V
1.3
V
VIL
Input logic low
VCC = 2.3 V to 4.8 V
0.6
V
IIN
Input leakage current
VCC = 4.8 V, VI/O = 0 V to 3.6 V, VIN = 0 to 4.8 V
–10
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com