Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX136 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
File Size   1747.98 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet (PDF) - Texas Instruments



Similar Part No. - TMUX136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX13 TI-TMUX13 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results


Similar Description - TMUX136

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2524 NJRC-NJM2524 Datasheet
131Kb / 4P
2 INPUT 1 OUTPUT 3ch VIDEO SWITCH with ISOLATION AMP
logo
Fairchild Semiconductor
FSA4159 FAIRCHILD-FSA4159 Datasheet
312Kb / 13P
Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
FSA4159 FAIRCHILD-FSA4159_07 Datasheet
605Kb / 14P
Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
SPDT SWITCH FOR 2 GHz TO 6 GHz
logo
Hittite Microwave Corpo...
HMC975 HITTITE-HMC975 Datasheet
594Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 2 - 50 GHz
logo
Hexawave, Inc
HWS541_V1 HW-HWS541_V1 Datasheet
52Kb / 2P
GaAs 2-6 GHz SPDT Switch
HWS504_V3 HW-HWS504_V3 Datasheet
74Kb / 3P
GaAs 2-6 GHz SPDT Switch
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
logo
Vishay Siliconix
DG4599E VISHAY-DG4599E Datasheet
177Kb / 11P
Power-off Isolation, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com