Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3010 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS3010
Description  Hybrid with LS509 Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3010 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS3010 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
520 - 63 - 05
4
VIN
RMPO
50k
47k5
RGT
47k5
RVC
1.3V
CLC
100k
OUT
6k8
2.6V
VMIC
7
3
2
4
5
6
1
10
9
8
21k
C
-
B
-
- A
VCC
LS509 - DIE
4k
GS3010
C4
0µ1
C3
47n
R3
5k6
C1
4µ7
C2
47n
15
16
1
14
3
12
2
13
4
6
8
125
RE
9
7
5
17
R1
58
11
R2
98
10
18
10µ
3k9
100
1k
10k
FREQUENCY (Hz)
Fig. 5
Frequency Response for Different C
LC
Capacitors
0
-10
-20
-30
-40
0
-10
-20
-30
-40
-50
-60
-70
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
INPUT LEVEL (dBV)
CLC=0.47
µF
RVC=100k
RVC=22k
RVC=10k
RVC=3k9
RVC=47k
CLC=0.1
µF
CLC=47nF
CLC=22nF
CLC=10nF
Fig. 6
I/O Curves at Various R
VC
Settings
All resistors in ohms, all capacitors
in farads unless otherwise stated.
Fig. 4 Characterization Circuit (used to generate typical curves)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com