Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS3010
Description  Hybrid with LS509 Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS3010 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
520 - 63 - 05
2
CAUTION
CLASS 1 ESD SENSITIVITY
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
3 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to +40°C
Storage Temperature Range
-20
°C to +70°C
PAD CONNECTION
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Amplifier Current
I
AMP
75
160
245
µA
Transducer Current
I
TRANS 1
175
225
290
µA
Transducer Current
I
TRANS 2
S1 = Closed, S3 = Closed
450
520
600
µA
Transducer Current
I
TRANS 3
S1 = Closed, S2 = Closed
650
725
820
µA
Bias Voltage (Pad 15)
V
P15
1.27
1.3
-
V
Bias Voltage (Pad 5)
V
P5
21.5
28.5
35.5
mV
System Voltage Gain
Gain
V
IN
= -90 dBV
61.5
64.5
67.5
dB
Maximum Power Output
MPO
V
IN
= -60 dBV
-17
-12
-9
dBV
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 3 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 V
All conditions and parameters remain as shown in the Test Circuit unless otherwise specified in CONDITIONS Column.
V
PX
- Actual voltage measured on the pin at given condition (X is pin number).
Notes:
1. All capacitors on Hybrid
± 20%, all screened on resistors ± 5%.
7
3
2
4
5
6
1
10
9
8
21k
C
-
B
-
- A
VCC
LS509 - DIE
4k
GS3010
C4
0µ1
C3
47n
R3
5k6
C1
4µ7
C2
47n
15
16
1
14
3
12
2
13
4
6
RS
3k9
VIN
RGT
47k5
2k7
8
125
RE
RVC
47k5
1.3V
9
7
5
17
R1
58
11
S3
R2
98
10
S2
18
S1
VOUT
All resistors in ohms, all capacitors
in farads unless otherwise stated.
Fig. 1 Production Test Circuit
18
17
6
9
7
8
1
3
5
10
4
12
13
14
15
2
16
11
MGND
IN
VMIC
MPO
VB
OUT
BINC
AOUT
BOUT
R3
GND
AIN
BIN
AOUTR
R1
R2
GND1
GND2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com