Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS3010
Description  Hybrid with LS509 Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS3010 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3010 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VMIC
IN
A IN
A OUT A OUTR B INC
B IN
B OUT
GND
GND1
R1 GND2 R2
R3
MPO
OUT
MGND
7
3
2
4
5
6
1
10
9
8
21k
C
-
B
-
- A
VCC
LS509 - DIE
4k
GS3010
C4
0µ1
C3
47n
R3
5k6
C1
4µ7
C2
47n
15
16
1
14
3
12
2
13
4
6
8
125
RE
9
7
5
17
R1
58
11
R2
98
10
18
VB
FEATURES
•
Gennum’s LS509 3 stage amplifier
• independent preamp can be used as telecoil
preamplifier
• four “must use” capacitors mounted on hybrid
• choice of 3 resistors to set transducer current
• easy assembly and high reliability
STANDARD PACKAGING
• Hybrid typical dimensions
0.276 in x 0.101 in x 0.094in
(7.01 mm x 2.57 mm x 2.39 mm)
GS3010 - HYB DATA SHEET
DESCRIPTION
The hybrid consists of an LS509 amplifier, four capacitors,
and two selectable bias resistors. The values of the capacitors
assure proper operation of the circuit for the most commonly
required frequency responses.
If a different frequency response is required, external
components can be easily connected to the additional solder
pads connected to various amplifier access points.
The jumper connection of the on-chip 125
Ω resistor and
additional two resistors (58
Ω and 98 Ω) on the hybrid allow
adjustment of the transducer bias current of the receiver.
FUNCTIONAL BLOCK DIAGRAM
GS3010 Hybrid
with LS509 Amplifier
All resistors in ohms, all capacitors
in farads unless otherwise stated.
Revision Date: May 1998
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com
Document No. 520 - 63 - 05


Similar Part No. - GS3010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3011 ETC1-GS3011 Datasheet
120Kb / 7P
DynamEQ I Dynamic Equalizer
logo
Gennum Corporation
GS3013 GENNUM-GS3013 Datasheet
93Kb / 7P
Linear Class H Current Manager Hybrid
GS3015 GENNUM-GS3015 Datasheet
84Kb / 5P
V.C. Preamp Hybrid for Class D
logo
GTM CORPORATION
GS3018 GTM-GS3018 Datasheet
340Kb / 4P
N-CHANNEL MOSFET
GS3018K GTM-GS3018K Datasheet
295Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GS3010

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61099 MICROPAC-61099 Datasheet
76Kb / 2P
PHOTODIODE-AMPLIFIER HYBRID
logo
Advanced Semiconductor
MWA130 ASI-MWA130 Datasheet
28Kb / 1P
RF HYBRID AMPLIFIER
logo
NEC
MC5152 NEC-MC5152 Datasheet
298Kb / 2P
HYBRID IC AMPLIFIER
logo
Gennum Corporation
GS3019 GENNUM-GS3019 Datasheet
91Kb / 5P
Hybrid with LS509 Amplifier
logo
JDS Uniphase Corporatio...
AHC-C00 JDSU-AHC-C00 Datasheet
188Kb / 4P
Amplifier Hybrid with Thin Film Coupler and Isolator
logo
RFHIC
HR2933-50A RFHIC-HR2933-50A Datasheet
1Mb / 5P
GaN Hybrid Power Amplifier
HR9395-08A RFHIC-HR9395-08A Datasheet
1,004Kb / 6P
GaN Hybrid Power Amplifier
HR9395-30A RFHIC-HR9395-30A Datasheet
1,004Kb / 6P
GaN Hybrid Power Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
GaN Doherty Hybrid Amplifier
RTH343610X RFHIC-RTH343610X Datasheet
481Kb / 4P
GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com