Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412 Datasheet(PDF) 28 Page - Microchip Technology

Part # HCS412
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412 Datasheet(HTML) 28 Page - Microchip Technology

Back Button HCS412 Datasheet HTML 24Page - Microchip Technology HCS412 Datasheet HTML 25Page - Microchip Technology HCS412 Datasheet HTML 26Page - Microchip Technology HCS412 Datasheet HTML 27Page - Microchip Technology HCS412 Datasheet HTML 28Page - Microchip Technology HCS412 Datasheet HTML 29Page - Microchip Technology HCS412 Datasheet HTML 30Page - Microchip Technology HCS412 Datasheet HTML 31Page - Microchip Technology HCS412 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
HCS412
DS41099C-page 28
Preliminary
© 2002 Microchip Technology Inc.
4.4.2
ANTICOLLISION AND RF ECHO
(LFSP = 11)
In addition to enabling anticollision, this mode adds that
all HCS412 responses and Acknowledges are echoed
on the DATA output line. Responses are first transmit-
ted on the DATA line, followed by the equivalent data
transmitted
on
the
LF
LC
lines
(Figure 4-16,
Figure 4-17).
LF communication from the token to the transponder
reader has much less range than LF communication
from the reader to the token. Transmitting the informa-
tion on the DATA line increases communication range
by enabling longer range RF talk back.
The information is sent on the DATA line first to benefit
longer range passive-entry authentication times.
FIGURE 4-16: RF ECHO OPTION AND READ COMMAND
FIGURE 4-17: RF ECHO OPTION AND IFF COMMAND
FIGURE 4-18: RF ECHO OPTION AND REQUEST HOPPING CODE COMMAND
DATA (RF)
ACK
TPU
TATO
LF Communication from reader to HCS412
LF Communication from HCS412 to reader
TOTH
Inductive
(LF)
32-Bit Response
16-Bit
Response
16-Bit
Response
LF Communication from reader to HCS412
LF Communication from HCS412 to reader
DATA (RF)
Inductive (LF)
LF Communication from reader to HCS412
LF Communication from HCS412 to reader
DATA (RF)
Field
ACK
32-Bit PPM
Response
Next
Field
Ack
TOTH
TATO
Request Hopping
Code Opcode
Inductive
(LF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com