Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412 Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS412
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412 Datasheet(HTML) 4 Page - Microchip Technology

  HCS412 Datasheet HTML 1Page - Microchip Technology HCS412 Datasheet HTML 2Page - Microchip Technology HCS412 Datasheet HTML 3Page - Microchip Technology HCS412 Datasheet HTML 4Page - Microchip Technology HCS412 Datasheet HTML 5Page - Microchip Technology HCS412 Datasheet HTML 6Page - Microchip Technology HCS412 Datasheet HTML 7Page - Microchip Technology HCS412 Datasheet HTML 8Page - Microchip Technology HCS412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
HCS412
DS41099C-page 4
Preliminary
© 2002 Microchip Technology Inc.
2.0
DEVICE DESCRIPTION
2.1
Pinout Description
The HCS412’s footprint is identical to other encoders in
the KEELOQ family, except for the two pins reserved for
low frequency communication.
TABLE 2-1:
PINOUT SUMMARY
FIGURE 2-1:
S0/S1 PIN DIAGRAM
FIGURE 2-2:
S2/RFEN/LC1 PIN DIAGRAM
FIGURE 2-3:
LC0 PIN DIAGRAM
Pin
Name
Pin
Number
Description
S0
1
Button input pin with Schmitt Trigger detector and internal 60 k
Ω (nominal) pull-down
resistor (Figure 2-1).
S1
2
Button input pin with Schmitt Trigger detector and internal 60 k
Ω (nominal) pull-down
resistor (Figure 2-1).
S2/RFEN/LC1
3
Multi-purpose input / output pin (Figure 2-2).
• Button input pin with Schmitt Trigger detector and internal pull-down resistor.
• RFEN output driver.
• LC1 low frequency (LF) antenna output driver for inductive responses and LC bias.
• Programming clock signal input.
LC0
4
Low frequency (LF) antenna input with automatic gain control for inductive reception and
low frequency output driver for inductive responses (Figure 2-3).
GND
5
Ground reference.
DATA
6
Transmission data output driver. Programming input / output data signal (Figure 2-4).
LED
7
LED output driver (Figure 2-5).
VDD
8
Positive supply voltage.
60 k
Ω
SWITCH
IN
S0
S1
>
10V
100
Ω
VBIAS
VDD
SWITCH 2
INPUT
S2LC OPTION
LC
OUTPUT
RFEN
OUT
>
<
RECTIFIER AND
REGULATOR
VDD
10V
100
Ω
LC
INPUT
LC
OUTPUT
S2LC OPTION
AMP
DET
AND
>
<
LC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com